Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHNBGBRON Datasheet(PDF) 5 Page - CIT Relay & Switch

Part # FHNBGBRON
Description  Illuminated Pushbutton - 12mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

FHNBGBRON Datasheet(HTML) 5 Page - CIT Relay & Switch

  FHNBGBRON Datasheet HTML 1Page - CIT Relay & Switch FHNBGBRON Datasheet HTML 2Page - CIT Relay & Switch FHNBGBRON Datasheet HTML 3Page - CIT Relay & Switch FHNBGBRON Datasheet HTML 4Page - CIT Relay & Switch FHNBGBRON Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Panel Cut-Out
Illuminated Pushbutton - 12mm
FH
page 5
Schematics
-
+
LED 1
-
+
LED 1
LED 2
No LED
Single Color LED
Dual Color LED
LED Characteristics
Ø12.00
[.47]
LED Ratings
Color
R
Y
G
B
O
W
Units
Reverse Voltage
VR
555555
V
Forward Curent (avg)
IF
25
25
30
30
25
30
mA
Forward Current (peak)
IFS
120
120
160
160
120
160
mA
Reverse Current VR = 5V
IR
10
10
10
10
10
10
μA
Power Dissipation
PT
80
80
120
120
80
120
mW
Operating & Storage Temperature
TA
-40 ~ +85
Forward Voltage (typ) IF = 20mA
VF
2.1
2.1
3.3
3.3
2.0
3.0
V
Forward Voltage (max) IF = 20mA
VF
2.4
2.5
3.6
3.6
2.3
3.6
V
Wavelength at Peak Emmission IF = 20mA
λP
635
592
516
463
606
n/a
nm
Spectral Line Half-Width IF = 20mA
∆λ
14
12
28
20
12
n/a
nm
Luminous Intensity, IF = 20mA
LI
120
120
170
100
120
700
mcd
Viewing Angle
Θ
145
145
145
145
145
145
deg


Similar Part No. - FHNBGBRON

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
Fujikura Ltd.
FHN-07PG FUJIKURA-FHN-07PG Datasheet
351Kb / 3P
   Sensing element/Gauge
FHN-07PGR FUJIKURA-FHN-07PGR Datasheet
351Kb / 3P
   Sensing element/Gauge
FHN-07PGS FUJIKURA-FHN-07PGS Datasheet
351Kb / 3P
   Sensing element/Gauge
FHN-07PGSR FUJIKURA-FHN-07PGSR Datasheet
351Kb / 3P
   Sensing element/Gauge
More results

Similar Description - FHNBGBRON

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
   ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
   ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
E-SWITCH
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
   ILLUMINATED PUSHBUTTON
logo
Schneider Electric
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST06 SCHNEIDER-XB5AWCUST06 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST10 SCHNEIDER-XB5AWCUST10 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com