Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHNABBRON Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # FHNABBRON
Description  Illuminated Pushbutton - 12mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

FHNABBRON Datasheet(HTML) 2 Page - CIT Relay & Switch

  FHNABBRON Datasheet HTML 1Page - CIT Relay & Switch FHNABBRON Datasheet HTML 2Page - CIT Relay & Switch FHNABBRON Datasheet HTML 3Page - CIT Relay & Switch FHNABBRON Datasheet HTML 4Page - CIT Relay & Switch FHNABBRON Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 2
FH
Illuminated Pushbutton - 12mm
1. Series
FH
N
2
B
B
G
FH
2. Bezel Style
Blank = Standard Bezel
3. Switch Function
N = Momentary
L = Latching
4. Actuator Style:
A = Flush actuator, non-illuminated
B = Flush actuator, ring illuminated
C = Flush actuator, dot illuminated
D = Raised actuator, non-illuminated
E = Raised actuator, ring illuminated
F = Raised actuator, dot illuminated
5. Switch Finish
B = Black Anodized Aluminum
G = Green Anodized Aluminum
R = Red Anodizzed Aluminum
S = Brushed Stainless Steel
U = Blue Anodized Aluminum
Y = Yellow Anodized Aluminum
6. Terminal Options
B = Solder Lugs
7. LED Color
X = No LED
R = Red
Y = Yellow
G = Green
B = Blue
W = White
O = Orange
RO = Red / Orange dual LED
RY = Red / Yellow dual LED
RG = Red / Green dual LED
RB = Red / Blue dual LED
OY = Orange / Yellow dual LED
OG = Orange / Green dual LED
OB = Orange / Blue dual LED
YG = Yellow / Green dual LED
YB = Yellow / Blue dual LED
GB = Green / Blue dual LED
8. LED Voltage
Blank = No LED
N = No internal resistor in series with the LED
Ordering Information


Similar Part No. - FHNABBRON

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
Fujikura Ltd.
FHN-07PG FUJIKURA-FHN-07PG Datasheet
351Kb / 3P
   Sensing element/Gauge
FHN-07PGR FUJIKURA-FHN-07PGR Datasheet
351Kb / 3P
   Sensing element/Gauge
FHN-07PGS FUJIKURA-FHN-07PGS Datasheet
351Kb / 3P
   Sensing element/Gauge
FHN-07PGSR FUJIKURA-FHN-07PGSR Datasheet
351Kb / 3P
   Sensing element/Gauge
More results

Similar Description - FHNABBRON

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
   ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
   ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
E-SWITCH
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
   ILLUMINATED PUSHBUTTON
logo
Schneider Electric
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST06 SCHNEIDER-XB5AWCUST06 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST10 SCHNEIDER-XB5AWCUST10 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com