Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH50D28BT150NP-220MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH50D28BT150NP-220MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH50D28BT150NP-220MC Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH50D28BT150NP-220MC Datasheet HTML 1Page - Sumida Corporation CDRH50D28BT150NP-220MC Datasheet HTML 2Page - Sumida Corporation CDRH50D28BT150NP-220MC Datasheet HTML 3Page - Sumida Corporation CDRH50D28BT150NP-220MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Saturation Current & Temperature Rise Graph
1. CDRH50D28BT150NP-1R0NC
L (μH)
△T(℃)
DC(A)
2. CDRH50D28BT150NP-1R5NC
L (μH)
△T(℃)
DC(A)
3. CDRH50D28BT150NP-2R2NC
L (μH)
△T(℃)
DC(A)
4. CDRH50D28BT150NP-3R3NC
L (μH)
△T(℃)
DC(A)
5. CDRH50D28BT150NP-4R7NC
L (μH)
△T(℃)
DC(A)
6. CDRH50D28BT150NP-6R8NC
L (μH)
△T(℃)
DC(A)
7. CDRH50D28BT150NP-100MC
L (μH)
△T(℃)
DC(A)
8. CDRH50D28BT150NP-150MC
L (μH)
△T(℃)
DC(A)
9. CDRH50D28BT150NP-220MC
L (μH)
△T(℃)
DC(A)
New Recommended Type
CDRH50D28B/T150
SMD Power Inductor
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 3 of 4
Ver. 2018-03-22
WWW.SUMIDA.COM


Similar Part No. - CDRH50D28BT150NP-220MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH50D28R SUMIDA-CDRH50D28R Datasheet
569Kb / 9P
   Power Inductor
CDRH50D28RNP-100MC SUMIDA-CDRH50D28RNP-100MC Datasheet
135Kb / 3P
   SMD Power Inductor
CDRH50D28RNP-100NC SUMIDA-CDRH50D28RNP-100NC Datasheet
569Kb / 9P
   Power Inductor
CDRH50D28RNP-150MC SUMIDA-CDRH50D28RNP-150MC Datasheet
135Kb / 3P
   SMD Power Inductor
CDRH50D28RNP-150NC SUMIDA-CDRH50D28RNP-150NC Datasheet
569Kb / 9P
   Power Inductor
More results

Similar Description - CDRH50D28BT150NP-220MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com