Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH10D60BT150NP-6R8NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH10D60BT150NP-6R8NC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH10D60BT150NP-6R8NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH10D60BT150NP-6R8NC Datasheet HTML 1Page - Sumida Corporation CDRH10D60BT150NP-6R8NC Datasheet HTML 2Page - Sumida Corporation CDRH10D60BT150NP-6R8NC Datasheet HTML 3Page - Sumida Corporation CDRH10D60BT150NP-6R8NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Power Inductor
CDRH10D60B/T150
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 2 of 4
Ver.1.0 (November 10, 2016)
www.sumida.com
Electrical Characteristics
Part No.
Inductance
(μH)
※1
D.C.R (mΩ)
(±30%)
Saturation Current (A)
at 20
℃ TYP.
※2
Temperature Rise Current
(A) TYP. ※3
CDRH10D60BT150NP -R80NC
0.8 ±30%
5.4
21.2
12.6
CDRH10D60BT150NP -1R3NC
1.3 ±30%
6.2
17.0
11.3
CDRH10D60BT150NP -2R0NC
2.0 ±30%
7.1
13.6
10.9
CDRH10D60BT150NP -2R7NC
2.7 ±30%
8.5
11.7
10.4
CDRH10D60BT150NP -4R7NC
4.7 ±30%
12.0
8.80
8.50
CDRH10D60BT150NP -6R8NC
6.8 ±30%
15.0
7.40
7.90
CDRH10D60BT150NP -100MC
10 ±20%
17.0
6.20
6.90
CDRH10D60BT150NP -150MC
15 ±20%
30.0
4.90
5.30
CDRH10D60BT150NP -220MC
22 ±20%
43.0
4.10
4.35
CDRH10D60BT150NP -330MC
33 ±20%
57.0
3.35
3.75
CDRH10D60BT150NP -470MC
47 ±20%
74.0
2.82
3.45
CDRH10D60BT150NP -680MC
68 ±20%
88.0
2.36
3.10
CDRH10D60BT150NP -101MC
100 ±20%
160
1.92
2.30
CDRH10D60BT150NP -151MC
150 ±20%
250
1.60
1.75
CDRH10D60BT150NP -221MC
220 ±20%
350
1.32
1.55
CDRH10D60BT150NP -331MC
330 ±20%
515
1.06
1.15
CDRH10D60BT150NP -471MC
470 ±20%
770
0.88
1.00
※ Measuring frequency inductance at 100kHz,1V.
※ Saturation current: DC current which becomes inductance value drop by 30% from the nominal value.
※ Temperature rise current: The value of D.C. current when the temperature of coil becomes ⊿T=40℃(Ta=20℃).
Please note that when using the product for automotive while applying current with audio-frequency (AF) signals
may result in audible noises due to magnetostriction. Also, in order to avoid noise problem, operating with Non-AF
signals would be recommended. The noise may amplify depending on the coil mount area on the PCB.


Similar Part No. - CDRH10D60BT150NP-6R8NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D60BT150NP-6R8NC SUMIDA-CDRH10D60BT150NP-6R8NC Datasheet
186Kb / 1P
   LED Head light for Automobile
More results

Similar Description - CDRH10D60BT150NP-6R8NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com