Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH12D77BT150NP-1R5NC Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRH12D77BT150NP-1R5NC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH12D77BT150NP-1R5NC Datasheet(HTML) 4 Page - Sumida Corporation

  CDRH12D77BT150NP-1R5NC Datasheet HTML 1Page - Sumida Corporation CDRH12D77BT150NP-1R5NC Datasheet HTML 2Page - Sumida Corporation CDRH12D77BT150NP-1R5NC Datasheet HTML 3Page - Sumida Corporation CDRH12D77BT150NP-1R5NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Power Inductor
CDRH12D77B/T150
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 4 of 4
Ver.1.2 (February 16, 2017)
www.sumida.com
CDRH12D77BT150NP-330MC
CDRH12D77BT150NP-470MC
CDRH12D77BT150NP-680MC
CDRH12D77BT150NP-101MC
CDRH12D77BT150NP-151MC
CDRH12D77BT150NP-221MC
CDRH12D77BT150NP-331MC
CDRH12D77B/T150NP-471MC
For sales office information, please click here to visit our website.
Saturation Current & Temperature Rise Graph
L (25℃)
L (150℃)
⊿T


Similar Part No. - CDRH12D77BT150NP-1R5NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH12D77BT150NP-1R5NC SUMIDA-CDRH12D77BT150NP-1R5NC Datasheet
172Kb / 1P
   LED Head light for Automobile
More results

Similar Description - CDRH12D77BT150NP-1R5NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com