Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDEP15D90T150NP-3R3MC-125 Datasheet(PDF) 5 Page - Sumida Corporation

Part # CDEP15D90T150NP-3R3MC-125
Description  Low-Profile High Current Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP15D90T150NP-3R3MC-125 Datasheet(HTML) 5 Page - Sumida Corporation

  CDEP15D90T150NP-3R3MC-125 Datasheet HTML 1Page - Sumida Corporation CDEP15D90T150NP-3R3MC-125 Datasheet HTML 2Page - Sumida Corporation CDEP15D90T150NP-3R3MC-125 Datasheet HTML 3Page - Sumida Corporation CDEP15D90T150NP-3R3MC-125 Datasheet HTML 4Page - Sumida Corporation CDEP15D90T150NP-3R3MC-125 Datasheet HTML 5Page - Sumida Corporation CDEP15D90T150NP-3R3MC-125 Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Low-Profile High Current Power Inductor
CDEP15D90/T150
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 5 of 6
Ver.1.7 (August 1, 2017)
www.sumida.com
<High Power Types>
CDEP15D90T150NP-1R0MC-100
CDEP15D90T150NP-1R6MC-100
CDEP15D90T150NP-2R4MC-100
CDEP15D90T150NP-3R6MC-100
CDEP15D90T150NP-4R7MC-100
CDEP15D90T150NP-6R8MC-100
Saturation Current & Temperature Rise Graph
L (20℃)
L (150℃)
⊿T
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
0.0 10.0 20.0 30.0 40.0 50.0 60.0 70.0
Idc [A]
0
10
20
30
40
50
0.0
0.4
0.8
1.2
1.6
2.0
0.0
10.0 20.0 30.0 40.0 50.0 60.0
Idc [A]
0
20
40
60
0
1
2
3
0.0 5.0 10.0 15.0 20.0 25.0 30.0 35.0 40.0
Idc [A]
0
10
20
30
40
50
0
1
2
3
4
5
0.0
5.0
10.0 15.0 20.0 25.0 30.0
Idc [A]
0
20
40
60
0
2
4
6
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Idc [A]
0
20
40
60
80
0
2
4
6
8
0.0
5.0
10.0
15.0
20.0
25.0
Idc [A]


Similar Part No. - CDEP15D90T150NP-3R3MC-125

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP15D90T150NP-100MC-100 SUMIDA-CDEP15D90T150NP-100MC-100 Datasheet
676Kb / 4P
   Low-Profile High Current Power Inductor
CDEP15D90T150NP-100MC-125 SUMIDA-CDEP15D90T150NP-100MC-125 Datasheet
676Kb / 4P
   Low-Profile High Current Power Inductor
CDEP15D90T150NP-125MC-100 SUMIDA-CDEP15D90T150NP-125MC-100 Datasheet
676Kb / 4P
   Low-Profile High Current Power Inductor
CDEP15D90T150NP-125MC-125 SUMIDA-CDEP15D90T150NP-125MC-125 Datasheet
676Kb / 4P
   Low-Profile High Current Power Inductor
CDEP15D90T150NP-150MC-100 SUMIDA-CDEP15D90T150NP-150MC-100 Datasheet
676Kb / 4P
   Low-Profile High Current Power Inductor
More results

Similar Description - CDEP15D90T150NP-3R3MC-125

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDMC60D28T150 SUMIDA-CDMC60D28T150 Datasheet
339Kb / 4P
   Low-Profile High Current Power Inductor
CDEP15D90 SUMIDA-CDEP15D90 Datasheet
676Kb / 4P
   Low-Profile High Current Power Inductor
CDEP13D76T150 SUMIDA-CDEP13D76T150 Datasheet
475Kb / 6P
   Low-Profile High Current Power Inductor
logo
Vishay Siliconix
IHLW-4040CF-11 VISHAY-IHLW-4040CF-11 Datasheet
171Kb / 4P
   Low Profile, High Current Inductor
Revision: 21-Dec-17
IHLP-5050CE-01 VISHAY-IHLP-5050CE-01_06 Datasheet
166Kb / 5P
   Low Profile, High Current Inductor
Revision: 10-Aug-06
IHLP-2525CZ-01 VISHAY-IHLP-2525CZ-01_08 Datasheet
154Kb / 4P
   Low Profile, High Current Inductor
Revision: 10-Aug-06
IHLP2525CZERR20M01 VISHAY-IHLP2525CZERR20M01 Datasheet
134Kb / 4P
   Low Profile, High Current Inductor
Revision: 17-Feb-06
IHLP-5050CE-01 VISHAY-IHLP-5050CE-01 Datasheet
154Kb / 4P
   Low Profile, High Current Inductor
Revision 03-Nov-04
IHLP4040DZERR47M11 VISHAY-IHLP4040DZERR47M11 Datasheet
137Kb / 4P
   Low Profile, High Current Inductor
Revision: 04-Jan-08
IHLP-5050EZ-01 VISHAY-IHLP-5050EZ-01 Datasheet
133Kb / 4P
   Low Profile, High Current Inductor
Revision 03-Nov-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com