Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV4056-K-00A Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # EV4056-K-00A
Description  198VAC~265VAC/50Hz, 48V/340mA Low Cost, Non-isolated with Active PFC TRIAC Dimmable LED Driver Evaluation Board
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV4056-K-00A Datasheet(HTML) 3 Page - Monolithic Power Systems

  EV4056-K-00A Datasheet HTML 1Page - Monolithic Power Systems EV4056-K-00A Datasheet HTML 2Page - Monolithic Power Systems EV4056-K-00A Datasheet HTML 3Page - Monolithic Power Systems EV4056-K-00A Datasheet HTML 4Page - Monolithic Power Systems EV4056-K-00A Datasheet HTML 5Page - Monolithic Power Systems EV4056-K-00A Datasheet HTML 6Page - Monolithic Power Systems EV4056-K-00A Datasheet HTML 7Page - Monolithic Power Systems EV4056-K-00A Datasheet HTML 8Page - Monolithic Power Systems EV4056-K-00A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
EV4056-K-00A – HIGH LINE VOLTAGE, 16W APFC DIMMABLE LED DRIVER
EV4056-K-00A Rev.1.0
www.MonolithicPower.com
3
7/21/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PCB LAYOUT (SINGLE-SIDED)
Figure 2—Top Layer
Figure 3—Bottom Layer


Similar Part No. - EV4056-K-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV4050A-S-00A MPS-EV4050A-S-00A Datasheet
447Kb / 10P
   Universal Input, 40V/115mA Off-line Non-isolated LED Driver Evaluation Board
More results

Similar Description - EV4056-K-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV4033-K-00A MPS-EV4033-K-00A Datasheet
616Kb / 14P
   198VAC~265VAC/50Hz, 24V/420mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
EV4088-S-00A MPS-EV4088-S-00A Datasheet
1Mb / 13P
   198VAC~265VAC/50Hz, 55V/100mA Low Cost, Small form Factor, High PFC Off-line Dimmable LED Driver Evaluation Board
EV4088-N-00A MPS-EV4088-N-00A Datasheet
1Mb / 14P
   198VAC~265VAC/50Hz, 60V/135mA Low Cost, Small form Factor, High PFC Off-line Dimmable LED Driver Evaluation Board
MP4056 MPS-MP4056 Datasheet
1Mb / 26P
   TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
EV4034-S-00C MPS-EV4034-S-00C Datasheet
422Kb / 15P
   85VAC~265VAC/50Hz, 40V/150mA Non-Isolation Off-line LED Driver Evaluation Board
EV4034-S-00D MPS-EV4034-S-00D Datasheet
434Kb / 15P
   85VAC~265VAC/50Hz, 10V/350mA Non-Isolation Off-line LED Driver Evaluation Board
logo
Integrated Device Techn...
ZLED7031 IDT-ZLED7031 Datasheet
1Mb / 20P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
List of Unclassifed Man...
ZSLS7031 ETC2-ZSLS7031 Datasheet
1Mb / 22P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
Renesas Technology Corp
ZSLS7031 RENESAS-ZSLS7031 Datasheet
1Mb / 21P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
January 26, 2016
logo
Monolithic Power System...
MP4068 MPS-MP4068 Datasheet
745Kb / 20P
   Non-Isolated,TRIAC Dimmable PFC LED Driver for 120VAC, Up to 10W LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com