Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

J115F11BHN12VDCN61.5U Datasheet(PDF) 4 Page - CIT Relay & Switch

Part No. J115F11BHN12VDCN61.5U
Description  50A economical version
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J115F11BHN12VDCN61.5U Datasheet(HTML) 4 Page - CIT Relay & Switch

  J115F11BHN12VDCN61.5U Datasheet HTML 1Page - CIT Relay & Switch J115F11BHN12VDCN61.5U Datasheet HTML 2Page - CIT Relay & Switch J115F11BHN12VDCN61.5U Datasheet HTML 3Page - CIT Relay & Switch J115F11BHN12VDCN61.5U Datasheet HTML 4Page - CIT Relay & Switch J115F11BHN12VDCN61.5U Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 4
J115F 50amp
Dimensions - J115F2
Units = mm
27.00
[1.06]
32.00
[1.26]
27.85
[1.10]
3.75
[.15]
12.80
[.50]
2.50
[.10]
Ø0.80
[.03]
1.90
[.07]
0.97
[.04]
10.20
[.40]
3.80
[.15]
3.80
[.15]
1.80
[.07]
1.30
[.05]
27.00
[1.06]
32.00
[1.26]
8.20
[.32]
20.00
[.79]
4.00
[.16]
3X 6.35
[.25]
12.80
[.50]
7.60
[.30]
2.50
[.10]
0.90
[.04]
1.30
[.05]
2X 1.50
[.06]
1.20
[.05]
10.20
[.40]
3.80
[.15]
0.80
[.03]
Standard Profile
N = No Cover
7.60
[.30]
2.50
[.10]
12.80
[.50]
3.80
[.15]
10.20
[.40]
3.80
[.15]
3X Ø2.50
[.10]
2X Ø1.10
[.04]
1A
1B
1C
Schematics & PC Layouts - J115F2
Bottom View
** Quick Connect Terminals :
Contacts - 6.35 x .81mm (.250” x .032”)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn