Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C04A-10PE-2.7 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT24C04A-10PE-2.7
Description  Two-wire Serial EEPROM Extended Temperature
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C04A-10PE-2.7 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT24C04A-10PE-2.7 Datasheet HTML 6Page - ATMEL Corporation AT24C04A-10PE-2.7 Datasheet HTML 7Page - ATMEL Corporation AT24C04A-10PE-2.7 Datasheet HTML 8Page - ATMEL Corporation AT24C04A-10PE-2.7 Datasheet HTML 9Page - ATMEL Corporation AT24C04A-10PE-2.7 Datasheet HTML 10Page - ATMEL Corporation AT24C04A-10PE-2.7 Datasheet HTML 11Page - ATMEL Corporation AT24C04A-10PE-2.7 Datasheet HTML 12Page - ATMEL Corporation AT24C04A-10PE-2.7 Datasheet HTML 13Page - ATMEL Corporation AT24C04A-10PE-2.7 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
AT24C02A/04A/08A/16A
5083A–SEEPR–9/04
Figure 8. Byte Write
PAGE WRITE: The 2K EEPROM is capable of an 8-byte page write, and the 4K, 8K,
and 16K devices are capable of 16-byte page writes.
A page write is initiated the same as a byte write, but the microcontroller does not send
a stop condition after the first data word is clocked in. Instead, after the EEPROM
acknowledges receipt of the first data word, the microcontroller can transmit up to seven
(2K) or fifteen (4K, 8K, 16K) more data words. The EEPROM will respond with a “0”
after each data word received. The microcontroller must terminate the page write
sequence with a stop condition, as shown in Figure 9.
Figure 9. Page Write
The data word address lower three (2K) or four (4K, 8K, 16K) bits are internally incre-
mented following the receipt of each data word. The higher data word address bits are
not incremented, retaining the memory page row location. When the word address,
internally generated, reaches the page boundary, the following byte is placed at the
beginning of the same page. If more than eight (2K) or sixteen (4K, 8K, 16K) data words
are transmitted to the EEPROM, the data word address will “roll over” and previous data
will be overwritten.
ACKNOWLEDGE POLLING: Once the internally-timed write cycle has started and the
EEPROM inputs are disabled, acknowledge polling can be initiated. This involves send-
ing a start condition followed by the device address word. The read/write bit is
representative of the operation desired. Only if the internal write cycle has completed
will the EEPROM respond with a “0” allowing the read or write sequence to continue.
S
T
A
R
T
M
S
B
M
S
B
L
S
B
S
T
O
P
W
R
I
T
E
SDA LINE
DEVICE
ADDRESS
WORD ADDRESS
DATA
L
S
B
A
C
K
A
C
K
A
C
K
R
/
W
S
T
A
R
T
M
S
B
S
T
O
P
W
R
I
T
E
SDA LINE
DEVICE
ADDRESS
WORD ADDRESS (n)
DATA (n)
DATA (n + 1)
DATA (n + x)
L
S
B
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
R
/
W


Similar Part No. - AT24C04A-10PE-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04A-10PI-1.8 ATMEL-AT24C04A-10PI-1.8 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
AT24C04A-10PI-2.7 ATMEL-AT24C04A-10PI-2.7 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
More results

Similar Description - AT24C04A-10PE-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B_0701 ATMEL-AT24HC02B_0701 Datasheet
504Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com