Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1504ASL Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATF1504ASL
Description  High performance Complex Programmable Logic Device
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASL Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATF1504ASL Datasheet HTML 14Page - ATMEL Corporation ATF1504ASL Datasheet HTML 15Page - ATMEL Corporation ATF1504ASL Datasheet HTML 16Page - ATMEL Corporation ATF1504ASL Datasheet HTML 17Page - ATMEL Corporation ATF1504ASL Datasheet HTML 18Page - ATMEL Corporation ATF1504ASL Datasheet HTML 19Page - ATMEL Corporation ATF1504ASL Datasheet HTML 20Page - ATMEL Corporation ATF1504ASL Datasheet HTML 21Page - ATMEL Corporation ATF1504ASL Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
18
ATF1504AS(L)
0950N–PLD–07/02
PCI Compliance
The ATF1504AS also supports the growing need in the industry to support the new
Peripheral Component Interconnect (PCI) interface standard in PCI-based designs and
specifications. The PCI interface calls for high current drivers, which are much larger
than the traditional TTL drivers. In general, PLDs and FPGAs parallel outputs to support
the high current load required by the PCI interface. The ATF1504AS allows this without
contributing to system noise while delivering low output-to-output skew. Having a pro-
grammable high drive option is also possible without increasing output delay or pin
capacitance. The PCI electrical characteristics appear on the next page.
PCI Voltage-to-current Curves for +5V Signaling in Pull-up Mode
PCI Voltage-to-current Curves for +5V Signaling in Pull-down Mode
2.4
VCC
1.4
-2
-44
-178
Current (mA)
AC drive
point
DC
drive point
Pull Up
Test Point
2.2
VCC
0.55
3,6
95
380
Current (mA)
AC drive
point
DC
drive point
Pull Down
Test Point


Similar Part No. - ATF1504ASL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504ASL ATMEL-ATF1504ASL Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF1504ASL-20AC100 ATMEL-ATF1504ASL-20AC100 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF1504ASL-20AC44 ATMEL-ATF1504ASL-20AC44 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF1504ASL-20JC44 ATMEL-ATF1504ASL-20JC44 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF1504ASL-20JC68 ATMEL-ATF1504ASL-20JC68 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
More results

Similar Description - ATF1504ASL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
ATV2500B ATMEL-ATV2500B_14 Datasheet
762Kb / 21P
   High-performance, High-density Programmable Logic Device
ATV2500BQL ATMEL-ATV2500BQL_14 Datasheet
762Kb / 21P
   High-performance, High-density Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com