Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C320C105K5N5TA91707301 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C320C105K5N5TA91707301
Description  Ceramic, GoldMax, 1 uF, 10%, 50 V, X8L, GoldMax, Automotive Grade, Lead Spacing = 2.54mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C320C105K5N5TA91707301 Datasheet(HTML) 1 Page - Kemet Corporation

  C320C105K5N5TA91707301 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - c750bdc1-031f-48e2-9bc7-4cbce6fcc91b
KEMET Part Number: C320C105K5N5TA91707301
Ceramic, GoldMax, 1 uF, 10%, 50 V, X8L, GoldMax, Automotive Grade, Lead Spacing = 2.54mm
Dimensions
L
5.08mm MAX
H
5.84mm MAX
T
3.18mm MAX
S
2.54mm +/-0.78mm
H0
16mm +/-0.5mm
F
0.51mm +0.1/-0.025mm
Packaging Specifications
Packaging: T&R, 305mm
Packaging Quantity: 2500
General Information
Style: Radial
Series: GoldMax
Description: GoldMax, Automotive Grade
Features: Automotive Grade
RoHS: Yes
Termination: Tin
Failure Rate: N/A
Approvals: AEC-Q200
AEC-Q200: Yes
Halogen Free: Yes
Specifications
Capacitance: 1 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+150C
Temperature Coefficient: X8L
Dissipation Factor: 2.5% 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 1 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C320C105K5N5TA91707301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C105K5N5TA7301 KEMET-C320C105K5N5TA7301 Datasheet
342Kb / 1P
   GoldMax 300 Comm X8L HT150C, Ceramic, 1 uF, 10%, 50 VDC, X8L, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
More results

Similar Description - C320C105K5N5TA91707301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C475K3N5TA91707301 KEMET-C320C475K3N5TA91707301 Datasheet
57Kb / 1P
   Ceramic, GoldMax, 4.7 uF, 10%, 25 V, X8L, GoldMax, Automotive Grade, Lead Spacing = 2.54mm
C320C155K5N5TA91707301 KEMET-C320C155K5N5TA91707301 Datasheet
342Kb / 1P
   GoldMax 300 Auto X8L HT150C, Ceramic, 1.5 uF, 10%, 50 VDC, X8L, "GoldMax, Automotive Grade", Lead Spacing = 2.54mm
C320C185K5N5TA91707301 KEMET-C320C185K5N5TA91707301 Datasheet
343Kb / 1P
   GoldMax 300 Auto X8L HT150C, Ceramic, 1.8 uF, 10%, 50 VDC, X8L, "GoldMax, Automotive Grade", Lead Spacing = 2.54mm
C317C474K3N5TA91707301 KEMET-C317C474K3N5TA91707301 Datasheet
60Kb / 1P
   Ceramic, GoldMax, 0.47 uF, 10%, 25 V, X8L, GoldMax, Automotive Grade, Lead Spacing = 5.08mm
C320C125K5N5TA91707301 KEMET-C320C125K5N5TA91707301 Datasheet
342Kb / 1P
   GoldMax 300 Auto X8L HT150C, Ceramic, 1.2 uF, 10%, 50 VDC, X8L, "GoldMax, Automotive Grade", Lead Spacing = 2.54mm
C320C225K5N5TA91707301 KEMET-C320C225K5N5TA91707301 Datasheet
342Kb / 1P
   GoldMax 300 Auto X8L HT150C, Ceramic, 2.2 uF, 10%, 50 VDC, X8L, "GoldMax, Automotive Grade", Lead Spacing = 2.54mm
C322C105K5R5TA91707301 KEMET-C322C105K5R5TA91707301 Datasheet
60Kb / 1P
   Ceramic, GoldMax, 1 uF, 10%, 50 V, X7R, GoldMax, Automotive Grade, Lead Spacing = 5.08mm
C320C105K5N5TA7301 KEMET-C320C105K5N5TA7301 Datasheet
342Kb / 1P
   GoldMax 300 Comm X8L HT150C, Ceramic, 1 uF, 10%, 50 VDC, X8L, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C320C103J5G5TA91707301 KEMET-C320C103J5G5TA91707301 Datasheet
57Kb / 1P
   Ceramic, GoldMax, 0.01 uF, 5%, 50 V, C0G, GoldMax, Automotive Grade, Lead Spacing = 2.54mm
C315C154K5N5TA7301 KEMET-C315C154K5N5TA7301 Datasheet
61Kb / 1P
   GoldMax 300 Comm X8L HT150C, Ceramic, 0.15 uF, 10%, 50 VDC, X8L, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com