Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC480ST89E Datasheet(PDF) 3 Page - Analog Devices

Part # HMC480ST89E
Description  InGaP HBT GAIN BLOCK MMIC AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC480ST89E Datasheet(HTML) 3 Page - Analog Devices

  HMC480ST89E Datasheet HTML 1Page - Analog Devices HMC480ST89E Datasheet HTML 2Page - Analog Devices HMC480ST89E Datasheet HTML 3Page - Analog Devices HMC480ST89E Datasheet HTML 4Page - Analog Devices HMC480ST89E Datasheet HTML 5Page - Analog Devices HMC480ST89E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 124
Gain, Power & OIP3 vs. Supply Voltage
@ 850 MHz, Rbias= 39 Ohms
P1dB vs. Temperature
Psat vs. Temperature
Output IP3 vs. Temperature
Vcc vs. Icc Over Temperature for
Fixed Vs= 8V, RBIAS= 39 Ohms
4
6
8
10
12
14
16
18
20
22
24
01
23
45
+25 C
+85 C
-40 C
FREQUENCY (GHz)
4
6
8
10
12
14
16
18
20
22
24
01
23
45
+25 C
+85 C
-40 C
FREQUENCY (GHz)
20
22
24
26
28
30
32
34
36
38
40
01
23
45
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
4
8
12
16
20
24
28
32
36
7.6
8
8.4
Gain
P1dB
Psat
OIP3
Vs (Vdc)
70
72
74
76
78
80
82
84
86
88
90
4.6
4.7
4.8
4.9
5
Vcc (Vdc)
+85 C
-40 C
+25 C
HMC480ST89 / 480ST89E
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 5 GHz
v02.0710
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC480ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC480ST89E HITTITE-HMC480ST89E Datasheet
235Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
More results

Similar Description - HMC480ST89E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC589AST89E AD-HMC589AST89E_17 Datasheet
256Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER
HMC789ST89E AD-HMC789ST89E Datasheet
736Kb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER
HMC405 AD-HMC405 Datasheet
284Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC589ST89 HITTITE-HMC589ST89 Datasheet
618Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC589ST89 HITTITE-HMC589ST89_10 Datasheet
212Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC396 HITTITE-HMC396_09 Datasheet
183Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC789ST89E HITTITE-HMC789ST89E_10 Datasheet
1Mb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
HMC396 HITTITE-HMC396 Datasheet
215Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8.0 GHz
HMC405 HITTITE-HMC405_07 Datasheet
197Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com