Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA4838 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA4838
Description  Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4838 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA4838 Datasheet HTML 2Page - Anpec Electronics Coropration APA4838 Datasheet HTML 3Page - Anpec Electronics Coropration APA4838 Datasheet HTML 4Page - Anpec Electronics Coropration APA4838 Datasheet HTML 5Page - Anpec Electronics Coropration APA4838 Datasheet HTML 6Page - Anpec Electronics Coropration APA4838 Datasheet HTML 7Page - Anpec Electronics Coropration APA4838 Datasheet HTML 8Page - Anpec Electronics Coropration APA4838 Datasheet HTML 9Page - Anpec Electronics Coropration APA4838 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Apr., 2003
APA4838
www.anpec.com.tw
6
Pin
Name
No
I/O
Description
Bypass
22
Bypass pin
Right Gain 1
24
Connect pin 1 of the external gain setting resistor for right channel
Right Gain 2
25
Connect pin 2 of the external gain setting resistor for right channel
Right Out -
26
O Right channel negative output pin
Right Out +
28
O Right channel positive output pin
Mute
Gain
Select
Mode
HP
Sense
Gain Mode of
Power Amplifier
DC Vol. Control
BTL Output
SE Output
0000
Unity Gain Setting
Fixed Level
Vol. Fixed
-
0001
Unity Gain Setting
Fixed Level
Muted
Vol. Fixed
0010
Unity Gain Setting
Adjustable
Vol. Adjustable
-
0011
Unity Gain Setting
Adjustable
Muted
Vol. Adjustable
0100
External Gain Setting
Fixed Level
Vol. Fixed
-
0101
External Gain Setting
Fixed Level
Muted
Vol. Fixed
0110
External Gain Setting
Adjustable
Vol. Adjustable
-
0111
External Gain Setting
Adjustable
Muted
Vol. Adjustable
1
X
X
X
-
-
Muted
Muted
Truth Table for Logic Inputs
Pin Description (Cont.)


Similar Part No. - APA4838

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4835 ANPEC-APA4835 Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4835RI-TR ANPEC-APA4835RI-TR Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4835RI-TU ANPEC-APA4835RI-TU Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
More results

Similar Description - APA4838

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4835 ANPEC-APA4835 Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838 NSC-LM4838 Datasheet
2Mb / 36P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4938 TI1-LM4938 Datasheet
8Mb / 34P
[Old version datasheet]   Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
   Stereo 1.5W Audio Power Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com