Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0442810002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0442810002
Description  Mini-Fit Jr. Test Plug, Dual Row, 6 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0442810002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0442810002_18 Datasheet HTML 1Page - Molex Electronics Ltd. 0442810002_18 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/21/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0442810002
Status:
Active
Overview:
Mini-Fit Products
Description:
Mini-Fit Jr. Test Plug, Dual Row, 6 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Product Literature (PDF)
Product Specification PS-44281-001-001 (PDF)
General
Product Family
PCB Headers
Series
44281
Application
Board-to-Board, Signal, Wire-to-Board
Data Load Status
Post Go-Live Rev. Not Verified
Made From
0442800002
Overview
Mini-Fit Products
Product Literature Order No
987650-6187
Product Name
Mini-Fit Jr.
UPC
800754831680
Physical
Breakaway
No
Circuits (Loaded)
6
Circuits (maximum)
6
Durability (mating cycles max)
10000
First Mate / Last Break
No
Glow-Wire Capable
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Net Weight
8.113/g
Number of Rows
2
Orientation
Vertical
PC Tail Length
6.35mm
PCB Locator
No
PCB Retention
None
Packaging Type
Bag
Pitch - Mating Interface
4.20mm
Pitch - Termination Interface
4.20mm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A
Voltage - Maximum
600V
Solder Process Data
Duration at Max. Process Temperature (seconds)
005
Lead-freeProcess Capability
WAVE
Max. Cycles at Max. Process Temperature
001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per
-ED/01/2018 (15
January 2018)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
44281 Series
Mates With
42474 , 44516 , 5557 Dual Row


Similar Part No. - 0442810002_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0442810002 MOLEX6-0442810002 Datasheet
131Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Test Plug, Dual Row, 6 Circuits
More results

Similar Description - 0442810002_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0442810004 MOLEX1-0442810004_18 Datasheet
30Kb / 2P
   Mini-Fit Jr. Test Plug, Dual Row, 10 Circuits
0442810007 MOLEX1-0442810007_18 Datasheet
30Kb / 2P
   Mini-Fit Jr. Test Plug, Dual Row, 16 Circuits
0442810005 MOLEX1-0442810005_18 Datasheet
30Kb / 2P
   Mini-Fit Jr. Test Plug, Dual Row, 12 Circuits
0442810006 MOLEX1-0442810006_18 Datasheet
30Kb / 2P
   Mini-Fit Jr. Test Plug, Dual Row, 14 Circuits
0442810009 MOLEX1-0442810009_18 Datasheet
30Kb / 2P
   Mini-Fit Jr. Test Plug, Dual Row, 20 Circuits
0442810001 MOLEX1-0442810001_18 Datasheet
30Kb / 2P
   Mini-Fit Jr. Test Plug, Dual Row, 4 Circuits
0442810003 MOLEX1-0442810003_18 Datasheet
30Kb / 2P
   Mini-Fit Jr. Test Plug, Dual Row, 8 Circuits
0442810008 MOLEX1-0442810008_18 Datasheet
30Kb / 2P
   Mini-Fit Jr. Test Plug, Dual Row, 18 Circuits
0442810002 MOLEX6-0442810002 Datasheet
131Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Test Plug, Dual Row, 6 Circuits
0442810013 MOLEX6-0442810013 Datasheet
131Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Test Plug, Dual Row, 40 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com