Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

J107F1AS1248VDC.80 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part No. J107F1AS1248VDC.80
Description  UL F class rated standard
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J107F1AS1248VDC.80 Datasheet(HTML) 1 Page - CIT Relay & Switch

  J107F1AS1248VDC.80 Datasheet HTML 1Page - CIT Relay & Switch J107F1AS1248VDC.80 Datasheet HTML 2Page - CIT Relay & Switch J107F1AS1248VDC.80 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
page 1
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
RoHS Compliant
J107F
19.0 x 15.5 x 15.3 mm
Features
E197851
UL F class rated standard
Small size and light weight
PC board mounting
UL/CUL certified
Contact Arrangement
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
2500VA, 420W
Maximum Switching Voltage
380VAC, 110VDC
Maximum Switching Current
20A
Contact Rating 20A Contact 20A @ 16VDC / 125VAC gp
10A @ 250VAC general purpose
1/3hp @ 125VAC / 277VAC
20A Contact N.O. 10A @ 250VAC 85C, 100K cycles general purpose
15A Contact 15A @ 125VAC general purpose
6A @ 277VAC general purpose
15A Contact N.O. 15A @ 125VAC resistive, 30K cycles
4FLA, 40LRA @ 24VDC DC motor, 1000 cycles
12A Contact 12A @ 125VAC general purpose
12A @ 28VDC general purpose
Contact Data*
Electrical Life @ rated load
100K cycles, average
Mechanical Life
10M cycles, average
Insulation Resistance
100M Ω min. @ 500VDC initial
Dielectric Strength, Coil to Contact
1500V rms min. @ sea level initial
Contact to Contact
750V rms min. @ sea level initial
Shock Resistance
100m/s2 for 11 ms
Vibration Resistance
1.50mm double amplitude 10~40Hz
Operating Temperature
-55oC to +125oC
Storage Temperature
-55oC to +155oC
Solderability
260oC for 5 s
Weight
9.5g
Coil Data*
General Data*
* Values can change due to the switching frequency, desired re-
liability levels, environmental conditions and in-rush load levels. It
is recommended to test actual load conditions for the application.
It is the user’s responsibility to determine the performance suit-
ability for their specific application. The use of any coil voltage
less than the rated coil voltage may compromise the operation
of the relay.
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
75% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
.36W
.45W
.80W
3
3.9
25
20
11
2.25
.3
.36
.45
.80
10
5
5
6.5
70
56
31
3.75
.5
9
11.7
225
180
101
6.75
.9
12
15.6
400
320
180
9.00
1.2
24
31.2
1600
1280
720
18.00
2.4
48
62.4
6400
5120
2880
36.00
4.8


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn