Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2870 Datasheet(PDF) 4 Page - Analog Devices

Part No. ADN2870
Description  3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2870 Datasheet(HTML) 4 Page - Analog Devices

  ADN2870 Datasheet HTML 1Page - Analog Devices ADN2870 Datasheet HTML 2Page - Analog Devices ADN2870 Datasheet HTML 3Page - Analog Devices ADN2870 Datasheet HTML 4Page - Analog Devices ADN2870 Datasheet HTML 5Page - Analog Devices ADN2870 Datasheet HTML 6Page - Analog Devices ADN2870 Datasheet HTML 7Page - Analog Devices ADN2870 Datasheet HTML 8Page - Analog Devices ADN2870 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADN2870
Rev. 0 | Page 4 of 20
Parameter
Min
Typ
Max
Unit
Conditions/Comments
IBMON, IMMON DIVISION RATIO
IBIAS/IBMON3
85
100
115
A/A
11 mA < IBIAS < 50 mA
IBIAS/IBMON3
92
100
108
A/A
50 mA < IBIAS < 100 mA
IBIAS/IBMON STABILITY3, 6
±5
%
10 mA < IBIAS < 100 mA
IMOD/IMMON
50
A/A
IBMON Compliance Voltage
0
1.3
V
SUPPLY
ICC7
30
mA
When IBIAS = IMOD = 0
VCC (w.r.t. GND)8
3.0
3.3
3.6
V
1 Temperature range: –40°C to +85°C.
2 Measured into a 15 Ω load (22 Ω resistor in parallel with digital scope 50 Ω input) using a 11110000 pattern at 2.5 Gbps, shown in Figure 2.
3 Guaranteed by design and characterization. Not production tested.
4 When the voltage on DATAP is greater than the voltage on DATAN, the modulation current flows in the IMODP pin.
5 Guaranteed by design. Not production tested.
6 IBIAS/IBMON ratio stability is defined in SFF-8472 revision 9 over temperature and supply variation.
7 ICC min for power calculation in the Power Consumption section.
8 All VCC pins should be shorted together.
ADN2870
IMODP
BIAS TEE
80kHz
→ 27GHz
VCC
VCC
TO HIGH SPEED
DIGITAL
OSCILLOSCOPE
50
Ω INPUT
R
22
C
L
Figure 2. High Speed Electrical Test Output Circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ADN2847 3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver 1  2  3  4  5  More Analog Devices
ADN2848 3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver 1  2  3  4  5  More Analog Devices
ADN2841 Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver 1  2  3  4  5  More Analog Devices
ADN2525 10.7 Gbps Active Back-Termination Differential Laser Diode Driver 1  2  3  4  5  More Analog Devices
F0532506Q 3.3 V 2.5 Gb/s NRZ Data Rate Laser Diode Driver 1  2  3  4  5  More Eudyna Devices Inc
ADN2843 10.709 Gbps Laser Diode Driver Chipset 1  2  3  4  5  More Analog Devices
F0522501Q Laser Diode Driver 1  2  3  4  5  More List of Unclassifed Manufacturers
EL6296 Laser Diode Driver with Waveform Generator 1  2  Intersil Corporation
SY88922V 5V/3.3V 2.5Gbps LASER DIODE DRIVER 1  2  3  4  5  Micrel Semiconductor
EL6253C 3-Channel Laser Diode Driver Oscillator 1  2  Elantec Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn