Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

J114FL2AS129VDC.41 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part No. J114FL2AS129VDC.41
Description  Switching capacity 16A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J114FL2AS129VDC.41 Datasheet(HTML) 2 Page - CIT Relay & Switch

  J114FL2AS129VDC.41 Datasheet HTML 1Page - CIT Relay & Switch J114FL2AS129VDC.41 Datasheet HTML 2Page - CIT Relay & Switch J114FL2AS129VDC.41 Datasheet HTML 3Page - CIT Relay & Switch J114FL2AS129VDC.41 Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
J114FL
page 2
Dimensions - 12amp Single Pole
Units = mm
7.50
[.30]
20.00
[.79]
2.70
[.11]
2.70
[.11]
3.50
[.14]
0.55 TYP
[.02]
0.80 TYP
[.03]
3.25 TYP
[.13]
29.05
[1.14]
12.90
[.51]
16.10
[.63]
(2X) 0.45
[.02]
(2X) 0.60
[.02]
3.50
[.14]
Ordering Information
1. Series
J114FL
1C
S
16
12VDC
.41
J114FL
2. Contact Arrangement
1A = SPST N.O.
1C = SPDT
2A = DPST N.O.
2C = DPDT
3. Sealing Option
S = Sealed
4. Contact Rating
12 = 12A **only available with 1 pole relays
16 = 16A **only available with 1 pole relays
8 = 8A **only available with 2 pole relays
5. Coil Voltage
5VDC
6VDC
9VDC
12VDC
24VDC
48VDC
6. Coil Power
.41 = .41W


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn