Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J114FL1AS129VDC.41 Datasheet(PDF) 4 Page - CIT Relay & Switch

Part # J114FL1AS129VDC.41
Description  Switching capacity 16A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J114FL1AS129VDC.41 Datasheet(HTML) 4 Page - CIT Relay & Switch

  J114FL1AS129VDC.41 Datasheet HTML 1Page - CIT Relay & Switch J114FL1AS129VDC.41 Datasheet HTML 2Page - CIT Relay & Switch J114FL1AS129VDC.41 Datasheet HTML 3Page - CIT Relay & Switch J114FL1AS129VDC.41 Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 4
J114FL
Bottom Views
Schematics & PC Layouts
20.00
[.79]
5.00
[.20]
7.50
[.30]
Ø1.30 TYP
[.05]
20.00
[.79]
5.00
[.20]
5.00
[.20]
7.50
[.30]
Ø1.30 TYP
[.05]
1A (16amp)
1C (16amp)
20.00
[.79]
5.00
[.20]
7.50
[.30]
Ø1.30 TYP
[.05]
20.00
[.79]
5.00
[.20]
7.50
[.30]
5.00
[.20]
Ø1.30 TYP
[.05]
2A (8amp)
2C (8amp)


Similar Part No. - J114FL1AS129VDC.41

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J114FL1AS129VDC.41 CIT-J114FL1AS129VDC.41 Datasheet
169Kb / 2P
   CIT SWITCH
More results

Similar Description - J114FL1AS129VDC.41

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J114AF CIT-J114AF Datasheet
105Kb / 3P
   Switching capacity 16A
logo
DB Lectro Inc
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
   Switching capacity up to 16A
NT75 DBLECTRO-NT75 Datasheet
479Kb / 2P
   Switching capacity up to 16A.
JQX-141FF DBLECTRO-JQX-141FF Datasheet
678Kb / 3P
   Relay covers switching capacity from 10A to 16A
NT75-1 DBLECTRO-NT75-1 Datasheet
238Kb / 2P
   Low coil consumption. / Switching capacity up to 16A.
NT76 DBLECTRO-NT76 Datasheet
460Kb / 2P
   Super light in weight. / Switching capacity up to 16A.
logo
Ningbo Tianbo Ganglian ...
TRA2 TIANBO-TRA2 Datasheet
1Mb / 3P
   16A switching capability
logo
TE Connectivity Ltd
41063 TEC-41063 Datasheet
431Kb / 2P
   Switching capacity 4000VA
logo
CIT Relay & Switch
A17 CIT-A17 Datasheet
118Kb / 2P
   Switching capacity up
logo
Ningbo Tianbo Ganglian ...
TRA1H TIANBO-TRA1H Datasheet
1Mb / 3P
   16A switching capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com