Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

J114FL1AS126VDC.41 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part No. J114FL1AS126VDC.41
Description  Switching capacity 16A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J114FL1AS126VDC.41 Datasheet(HTML) 1 Page - CIT Relay & Switch

  J114FL1AS126VDC.41 Datasheet HTML 1Page - CIT Relay & Switch J114FL1AS126VDC.41 Datasheet HTML 2Page - CIT Relay & Switch J114FL1AS126VDC.41 Datasheet HTML 3Page - CIT Relay & Switch J114FL1AS126VDC.41 Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
page 1
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
RoHS Compliant
J114FL
29.24 x 13.15 x 15.7 mm
Switching capacity 16A
Produced in accordance to IEC 60335-1
PC board mounting
UL/CUL certified
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
75% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
5
6.5
62
3.75
.5
.41
10
5
6
7.8
90
4.50
.6
9
11.7
202
6.75
.9
12
15.6
360
9.00
1.2
24
31.2
1440
18.00
2.4
48
62.4
5760
36.00
3.6
Coil Data*
E197851
Contact Arrangement 1A = SPST N.O.
1C = SPDT
2A = DPST N.O.
2C = DPDT
Contact Rating
12A @ 250VAC; 30 VDC, General Purpose, 85°C
16A @ 250VAC; 30VDC, General Purpose, 85°C
8A @ 277VAC; 30VDC, General Purpose, 85°C
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
480W, 4000VA
Maximum Switching Voltage
380VAC, 110VDC
Maximum Switching Current
16A
Contact Data*
General Data*
Electrical Life @ rated load
100K cycles, average
Mechanical Life
10M cycles, average
Insulation Resistance
100M Ω min. @ 500VDC initial
Dielectric Strength, Coil to Contact
5000V rms min. @ sea level initial
Contact to Contact
1000V rms min. @ sea level initial
Shock Resistance
500m/s2 for 11 ms
Vibration Resistance
1.50mm double amplitude 10~40Hz
Operating Temperature
-55oC to +105oC
Storage Temperature
-55oC to +155oC
Solderability
260oC for 5 s
Weight
14g
Features
E
t
* Values can change due to the switching frequency, desired reli-
ability levels, environmental conditions and in-rush load levels. It is
recommended to test actual load conditions for the application. It
is the user’s responsibility to determine the performance suitability
for their specific application. The use of any coil voltage less than
the rated coil voltage may compromise the operation of the relay.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn