Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148WS Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # 1N4148WS
Description  200mW Silicon Epitaxial Planar Small Signal Fast Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

1N4148WS Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  1N4148WS Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. 1N4148WS Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. 1N4148WS Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pb Free Plating Product
1N4148WS
Pb
200mW Silicon Epitaxial Planar Small Signal Fast Switching Diode
1N4148WS
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/3
Rev.08T
SOD-323 Bend Lead
- Fast Switching Speed
- Moisture sensitivity level (MSL): 1
- Surface Mounted Device
FEATURES
- Pb free and RoHS compliant
MECHANICAL DATA
- Case: Bend lead SOD-323 package
- High temperature soldering guaranteed: 260°C/10s
- Weight: 4.5mg (approximately)
- Part no marking: T4,band marking indicates cathode
General purpose switching application
APPLICATION
SOD-323(SMD)
ELECTRICAL SYMBOL
Cathode
Anode
VRM
V
VR
V
IFM
mA
Average rectified output current
IO
mA
IFSM
A
Power dissipation
PD
mW
TJ
°C
TSTG
°C
SYMBOL
MIN
TYP
MAX
UNIT
VF1
0.715
V
VF2
0.885
V
VF3
1V
VF4
1.25
V
IR1
1
μA
IR2
25
nA
CT
2pF
trr
4.0
ns
VALUE
Capacitance between terminals
200
- 55 to +150
Peak forward surge current @t=1
μs
PARAMETER
2.0
150
Non-repettive peak forward current
300
Junction temperature
150
UNIT
75
Reverse leakage current
IF = 50mA
IF = 150mA
VR=75V
IF=IR=10mA, Irr=0.1 ∙ IR,
RL=100Ω
Peak reverse voltage
100
PARAMETER
Forward voltage
Storage temperature
IF = 1mA
DC blocking voltage
SYMBOL
VR=20V
IF = 10mA
TEST CONDITION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
VR=0V , f=1MHz
Reverse recovery time


Similar Part No. - 1N4148WS

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
1N4148WS SMC-1N4148WS Datasheet
130Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS Datasheet
127Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Dongguan City Niuhang E...
1N4148WS NIUHANG-1N4148WS Datasheet
251Kb / 3P
   SWITCHING RECTIFIERS
logo
Diotec Semiconductor
1N4148WS DIOTEC-1N4148WS Datasheet
134Kb / 2P
   SMD Small Signal Switching Diodes
logo
Vishay Siliconix
1N4148WS VISHAY-1N4148WS Datasheet
142Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.7, 14-Sep-07
More results

Similar Description - 1N4148WS

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
1SS355 THINKISEMI-1SS355 Datasheet
822Kb / 3P
   200mW Silicon Epitaxial Planar Small Signal Fast Switching Diodes
logo
SEMTECH ELECTRONICS LTD...
BAS16W SEMTECH_ELEC-BAS16W Datasheet
188Kb / 2P
   Silicon Epitaxial Planar Small Signal Diode
logo
Daya Electric Group Co....
1N4148W DAYA-1N4148W Datasheet
121Kb / 3P
   Silicon Epitaxial Planar Small Signal Diode
logo
SEMTECH ELECTRONICS LTD...
1N4148WS SEMTECH_ELEC-1N4148WS Datasheet
368Kb / 4P
   SILICON EPITAXIAL PLANAR SMALL SIGNAL DIODE
1N4148W SEMTECH_ELEC-1N4148W Datasheet
231Kb / 3P
   Silicon Epitaxial Planar Small Signal Diode
1N4151W SEMTECH_ELEC-1N4151W Datasheet
323Kb / 4P
   Silicon Epitaxial Planar Small Signal Diode
logo
AiT Semiconductor Inc.
L4148 AITSEMI-L4148 Datasheet
627Kb / 6P
   FAST SWITCHING DIODES SILICON EPITAXIAL PLANAR SWITCHING DIODE
REV1.3
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com