Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8335 Datasheet(PDF) 4 Page - Linear Technology

Part # LT8335
Description  Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8335 Datasheet(HTML) 4 Page - Linear Technology

  LT8335 Datasheet HTML 1Page - Linear Technology LT8335 Datasheet HTML 2Page - Linear Technology LT8335 Datasheet HTML 3Page - Linear Technology LT8335 Datasheet HTML 4Page - Linear Technology LT8335 Datasheet HTML 5Page - Linear Technology LT8335 Datasheet HTML 6Page - Linear Technology LT8335 Datasheet HTML 7Page - Linear Technology LT8335 Datasheet HTML 8Page - Linear Technology LT8335 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT8335
4
8335f
For more information www.linear.com/LT8335
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency
vs Temperature
Switching Frequency vs VIN
Normalized Switching Frequency
vs FBX Voltage
Switch Current Limit vs Duty
Cycle
Switch Minimum On-Time
vs Temperature
Switch Minimum Off-Time
vs Temperature
FBX Positive Regulation Voltage
vs Temperature
FBX Negative Regulation Voltage
vs Temperature
EN/UVLO Pin Thresholds
vs Temperature
VIN = 12V
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
1.570
1.580
1.590
1.600
1.610
1.620
1.630
8335 G01
VIN = 12V
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
–0.815
–0.810
–0.805
–0.800
–0.795
–0.790
–0.785
8335 G02
VIN = 12V
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
1.90
1.92
1.94
1.96
1.98
2.00
2.02
2.04
2.06
2.08
2.10
8335 G04
VIN (V)
0
5
10
15
20
25
1.85
1.90
1.95
2.00
2.05
2.10
2.15
8335 G05
VIN = 12V
FBX VOLTAGE (V)
–0.8
–0.4
0.0
0.4
0.8
1.2
1.6
0
25
50
75
100
125
8335 G06
VIN = 12V
DUTY CYCLE (%)
0
20
40
60
80
100
2.1
2.3
2.5
2.7
2.9
8335 G07
VIN = 12V
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
40
50
60
70
80
90
100
110
120
8335 G08
VIN = 12V
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
30
35
40
45
50
55
60
8335 G09
VIN = 12V
EN/UVLO RISING (TURN-ON)
EN/UVLO FALLING (TURN-OFF)
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
1.54
1.56
1.58
1.60
1.62
1.64
1.66
1.68
1.70
1.72
1.74
8335 G03


Similar Part No. - LT8335

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8335 AD-LT8335 Datasheet
1Mb / 20P
   40V, 1.2A Micropower Synchronous Boost Converter with PassThru
LT8335 AD-LT8335 Datasheet
1Mb / 24P
   28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
LT8335 AD-LT8335 Datasheet
1Mb / 24P
   Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
LT8335 AD-LT8335 Datasheet
2Mb / 34P
   60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
Rev. 0
More results

Similar Description - LT8335

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
logo
Analog Devices
LT8365 AD-LT8365 Datasheet
2Mb / 30P
   Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
Rev. A
LT8334 AD-LT8334 Datasheet
1Mb / 24P
   Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
logo
Linear Technology
LT8330 LINER-LT8330 Datasheet
1Mb / 24P
   Low IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch
logo
Analog Devices
LT8331 AD-LT8331 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
logo
Linear Technology
LT8331 LINER-LT8331 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
LT8364 LINER-LT8364 Datasheet
509Kb / 6P
   Low IQ Boost/SEPIC/Inverting Regulator
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com