Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8330 Datasheet(PDF) 6 Page - Linear Technology

Part # LT8330
Description  Low IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8330 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT8330 Datasheet HTML 2Page - Linear Technology LT8330 Datasheet HTML 3Page - Linear Technology LT8330 Datasheet HTML 4Page - Linear Technology LT8330 Datasheet HTML 5Page - Linear Technology LT8330 Datasheet HTML 6Page - Linear Technology LT8330 Datasheet HTML 7Page - Linear Technology LT8330 Datasheet HTML 8Page - Linear Technology LT8330 Datasheet HTML 9Page - Linear Technology LT8330 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT8330
6
8330fa
For more information www.linear.com/LT8330
pin FuncTions
EN/UVLO: Shutdown and Undervoltage Detect Pin. The
LT8330 is shut down when this pin is low and active
when this pin is high. Below an accurate 1.6V threshold
the part enters undervoltage lockout and stops switching.
This allows an undervoltage lockout (UVLO) threshold to
be programmed for system input voltage by resistively
dividing down system input voltage to the EN/UVLO pin.
An 80mV pin hysteresis ensures part switching resumes
when the pin exceeds 1.68V. EN/UVLO pin voltage below
0.2V reduces VIN current below 1µA. If shutdown and
UVLO features are not required, the pin can be tied directly
to system input.
FBX: Voltage Regulation Feedback Pin for Positive or
Negative Outputs. Connect this pin to a resistor divider
between the output and GND. FBX reduces the switching
frequency during start-up and fault conditions when FBX
is close to GND.
GND: Ground Connection for the LT8330. The DFN pack-
age has the best thermal performance due to an exposed
pad (Pin 9) on the bottom of the package. This exposed
pad must be soldered to a ground plane. Pin 5 of the DFN
package (and Pin 2 of the TSOT package) should also be
connected to a ground plane. The ground plane should be
connected to large copper layers to spread heat dissipated
by the LT8330.
INTVCC: Regulated 3V Supply for Internal Loads. The
INTVCCpinmustbebypassedwithaminimum1µFlowESR
ceramic capacitor to ground. No additional components
or loading is allowed on this pin.
NC: No Internal Connection. Tie directly to local ground.
SW: The Output of Internal Power Switch. Minimize the
metal trace area connected to this pin to reduce EMI.
VIN: Input Supply. This pin must be locally bypassed. Be
sure to place the positive terminal of the input capacitor as
close as possible to the VIN pin, and the negative terminal
as close as possible to the GND pin.


Similar Part No. - LT8330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8330 AD-LT8330 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
LT8330 AD-LT8330 Datasheet
1Mb / 20P
   40V, 1.2A Micropower Synchronous Boost Converter with PassThru
LT8330 AD-LT8330 Datasheet
1Mb / 24P
   28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
LT8330 AD-LT8330 Datasheet
1Mb / 24P
   Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
LT8330 AD-LT8330 Datasheet
2Mb / 34P
   60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
Rev. 0
More results

Similar Description - LT8330

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
LT8335 LINER-LT8335 Datasheet
1Mb / 20P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
logo
Analog Devices
LT8365 AD-LT8365 Datasheet
2Mb / 30P
   Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
Rev. A
LT8334 AD-LT8334 Datasheet
1Mb / 24P
   Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
LT8331 AD-LT8331 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
logo
Linear Technology
LT8331 LINER-LT8331 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
LT8364 LINER-LT8364 Datasheet
509Kb / 6P
   Low IQ Boost/SEPIC/Inverting Regulator
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT8580 LINER-LT8580 Datasheet
448Kb / 32P
   Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com