Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC154 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74HC154
Description  4-to-16 line decoder/demultiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC154 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74HC154 Datasheet HTML 10Page - NXP Semiconductors 74HC154 Datasheet HTML 11Page - NXP Semiconductors 74HC154 Datasheet HTML 12Page - NXP Semiconductors 74HC154 Datasheet HTML 13Page - NXP Semiconductors 74HC154 Datasheet HTML 14Page - NXP Semiconductors 74HC154 Datasheet HTML 15Page - NXP Semiconductors 74HC154 Datasheet HTML 16Page - NXP Semiconductors 74HC154 Datasheet HTML 17Page - NXP Semiconductors 74HC154 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
2004 Oct 12
14
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74HC154; 74HCT154
Type 74HCT154
GND = 0 V; tr =tf = 6 ns; CL =50pF.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb =25 °C
tPHL/tPLH
propagation delay An to Yn
see Figs 7 and 9
4.5
16
35
ns
propagation delay En to Yn
see Figs 8 and 9
4.5
15
32
ns
tTHL/tTLH
output transition time
see Figs 7, 8 and 9
4.5
715
ns
Tamb = −40 °C to +85 °C
tPHL/tPLH
propagation delay An to Yn
see Figs 7 and 9
4.5
−−
44
ns
propagation delay En to Yn
see Figs 8 and 9
4.5
−−
40
ns
tTHL/tTLH
output transition time
see Figs 7, 8 and 9
4.5
−−
19
ns
Tamb = −40 °C to +125 °C
tPHL/tPLH
propagation delay An to Yn
see Figs 7 and 9
4.5
−−
53
ns
propagation delay En to Yn
see Figs 8 and 9
4.5
−−
48
ns
tTHL/tTLH
output transition time
see Figs 7, 8 and 9
4.5
−−
22
ns
AC WAVEFORMS
001aab073
tPLH
tPLH
tTLH
90 %
10 %
VM
tTHL
90 %
10 %
VM
VM
VM
An input
Yn output
GND
VI
VOH
VOL
For 74HC154: VM = 50 %; VI = GND to VCC.
For 74HCT154: VM = 1.3 V; VI = GND to 3 V.
Fig.7
The input (An) to output (Yn) propagation
delays and the output transition times.
001aab074
tTHL
90 %
10 %
En input
Yn output
GND
VI
VOH
VOL
tPHL
tPLH
VM
tTLH
90 %
10 %
VM
VM
VM
For 74HC154: VM = 50 %; VI = GND to VCC.
For 74HCT154: VM = 1.3 V; VI = GND to 3 V.
Fig.8
The enable input (En) to output (Yn)
propagation delays and the output transition
times.


Similar Part No. - 74HC154

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
   4-to-16 line decoder/demultiplexer
September 1993
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
logo
Silicon Supplies
74HC154 SS-74HC154 Datasheet
1Mb / 6P
   Dual 1-of-16 Decoder / Demultiplexer in bare die form
Rev 1.0 30/05/22
logo
Nexperia B.V. All right...
74HC154 NEXPERIA-74HC154 Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
More results

Similar Description - 74HC154

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
   4-Line to 16-Line Decoder/Demultiplexer
MM74C154 FAIRCHILD-MM74C154 Datasheet
51Kb / 6P
   4-Line to 16-Line Decoder/Demultiplexer
logo
STMicroelectronics
M74HC154 STMICROELECTRONICS-M74HC154 Datasheet
170Kb / 8P
   4 TO 16 LINE DECODER/DEMULTIPLEXER
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
   4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
   4-to-16 line decoder/demultiplexer
September 1993
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74LV154 PHILIPS-74LV154 Datasheet
131Kb / 12P
   4-to-16 line decoder/demultiplexer
1998 Apr 28
logo
Nexperia B.V. All right...
74HCT154 NEXPERIA-74HCT154 Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
logo
Hitachi Semiconductor
HD74HC154 HITACHI-HD74HC154 Datasheet
34Kb / 7P
   4-to-16-line Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com