Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A21ACQ24VDC1.62D Datasheet(PDF) 3 Page - CIT Relay & Switch

Part # A21ACQ24VDC1.62D
Description  Large switching capacity up to 40A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A21ACQ24VDC1.62D Datasheet(HTML) 3 Page - CIT Relay & Switch

  A21ACQ24VDC1.62D Datasheet HTML 1Page - CIT Relay & Switch A21ACQ24VDC1.62D Datasheet HTML 2Page - CIT Relay & Switch A21ACQ24VDC1.62D Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
A2
page 3
Dimensions
Units = mm
Bottom Views
Schematics & PC Layouts
6.35 TYP
[.25]
0.80 TYP
[.03]
15.88
[.63]
26.00
[1.02]
26.70
[1.05]
39.35
[1.55]
11.60 TYP
[.46]
Ø5.70
[.22]
9.50
[.37]
15.35
[.60]
24.00
[.94]
26.00
[1.02]
30.55
[1.20]
24.50
[.96]
38.02
[1.50]
Ø5.20
[.20]
7.22
[.28]
6.35 TYP
[.25]
0.80 TYP
[.03]
10.75 TYP
[.42]
A2F with Quick Connect
A2M with Quick Connect
67.22
[2.65]
46.51
[1.83]
35.20
[1.39]
6.35 TYP
[.25]
0.80 TYP
[.03]
45.00
[1.77]
Ø6.60
[.26]
13.18
[.52]
8.35
[.33]
A2S with Quick Connect
86
87
30
85
87a
86
30
85
85
30
86
87
87a
8.40
[.33]
9.50
[.37]
8.00
[.31]
8.40
[.33]
8.40
[.33]
(5X)
Ø3.00
[.12]
1A
1B
1C


Similar Part No. - A21ACQ24VDC1.62D

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A21ACQ24VDC1.62D CIT-A21ACQ24VDC1.62D Datasheet
293Kb / 3P
   CIT SWITCH
More results

Similar Description - A21ACQ24VDC1.62D

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A91AC12VDC CIT-A91AC12VDC Datasheet
113Kb / 2P
   Switching capacity up to 40A
A3F1CSQ24VDC2 CIT-A3F1CSQ24VDC2 Datasheet
139Kb / 4P
   Large switching capacity up to 80A
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
   Switching capacity up to 15A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
   Switching capacity up to 25A
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
   Switching capacity up to 30A
J098 CIT-J098 Datasheet
92Kb / 3P
   Switching capacity up to 6A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com