Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLFL-0147-25D2 Datasheet(PDF) 3 Page - Schurter Inc.

Part # DLFL-0147-25D2
Description  Linear/Saturating Choke
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DLFL-0147-25D2 Datasheet(HTML) 3 Page - Schurter Inc.

  DLFL-0147-25D2 Datasheet HTML 1Page - Schurter Inc. DLFL-0147-25D2 Datasheet HTML 2Page - Schurter Inc. DLFL-0147-25D2 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Suppression Chokes
DLFL
https://www.schurter.com /PG81_82
EMC Products
All Variants
In [A]
Ln [mH]
Inductance
drop max [%]
Rcu
[m
Ω]
Tripped Power
Dissipation
fRES
[MHz]
Cx [µF]
Copper ø
[mm]
Weight [g]
Housings
Packing unit [pcs.]
Order Number
5
1
60
120
3
0.8
0.047
1
144 g
25-P
20
DLFL-0125-0501
8
0.5
60
54
3.5
1.32
0.1
1.25
154 g
25-P
20
DLFL-0125-08D5
45
0.2
70
6
12
1.1
1
5
1423 g
32-P
2
DLFL-0132-45D2
12
0.5
60
38
5.5
1.16
0.1
1.7
333 g
47-P
10
DLFL-0147-12D5
16
0.3
60
25
6.4
1.69
0.22
1.8
325 g
47-P
10
DLFL-0147-16D3
25
0.15
60
10
6.3
2.5
0.47
2.36
336 g
47-P
10
DLFL-0147-25D2
35
0.05
60
5.3
6.5
3.5
1.5
1.5 x 4.5
338 g
47-P
10
DLFL-0147-35C5
Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Inductance drop at In
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - DLFL-0147-25D2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLFL-0147-25D2 SCHURTER-DLFL-0147-25D2 Datasheet
420Kb / 2P
   Linear/Saturating Choke
More results

Similar Description - DLFL-0147-25D2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLFL SCHURTER-DLFL Datasheet
420Kb / 2P
   Linear/Saturating Choke
DLFL SCHURTER-DLFL_V01 Datasheet
264Kb / 3P
   Linear/Saturating Choke
DLFP SCHURTER-DLFP_V01 Datasheet
295Kb / 3P
   Linear/Saturating Choke
14.09.2021
DLFP SCHURTER-DLFP Datasheet
499Kb / 3P
   Linear/Saturating Choke
DLFP SCHURTER-DLFP_17 Datasheet
313Kb / 4P
   Linear/Saturating Choke
DFSG SCHURTER-DFSG_17 Datasheet
379Kb / 4P
   Saturating Choke
DFSG SCHURTER-DFSG_V01 Datasheet
362Kb / 3P
   Saturating Choke
04.01.2022
DFSG SCHURTER-DFSG Datasheet
482Kb / 3P
   Saturating Choke
DFSG SCHURTER-DFSG_18 Datasheet
361Kb / 3P
   Saturating Choke
logo
Schaffner International...
RI-111-PC SCHAFFNER-RI-111-PC Datasheet
903Kb / 4P
   Saturating Chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com