Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKFS-B22B-5K5J Datasheet(PDF) 3 Page - Schurter Inc.

Part # DKFS-B22B-5K5J
Description  Magnetically Compensated SMD Choke, compact
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DKFS-B22B-5K5J Datasheet(HTML) 3 Page - Schurter Inc.

  DKFS-B22B-5K5J Datasheet HTML 1Page - Schurter Inc. DKFS-B22B-5K5J Datasheet HTML 2Page - Schurter Inc. DKFS-B22B-5K5J Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Suppression Chokes
DKFS
https://www.schurter.com /PG81_82
EMC Products
All Variants
In [A]
Ln [mH]
Rcu
[m
Ω]
Powerloss [W]
fRES
[MHz]
Weight [g]
Housings
Packing unit [pcs.]
Order Number
0.4
39
1286
0.2
0.15
6 g
2B
100
DKFS-B22B-D439
0.5
27
841
0.21
0.2
6 g
2B
100
DKFS-B22B-D527
0.5
4
500
0.25
1.2
2 g
48-2S
176
DKFS-6248-D504
0.6
15
453
0.16
0.35
6 g
2B
100
DKFS-B22B-D615
0.8
10
336
0.22
0.45
6 g
2B
45
DKFS-B22B-D810
0.9
2
240
0.39
1.6
2 g
48-2S
176
DKFS-6248-0102
1
8.2
269
0.27
0.55
6 g
2B
45
DKFS-B22B-0J2Q
1.2
6.8
219
0.32
0.6
6 g
2B
45
DKFS-B22B-1K6Q
1.5
3.3
122
0.28
1.8
6 g
2B
45
DKFS-B22B-1N3L
2
0.5
50
0.4
4.5
2 g
48-2S
176
DKFS-6248-02D5
2
1.8
57
0.23
3
6 g
2B
45
DKFS-B22B-021Q
2.5
1.5
41
0.26
4.5
6 g
2B
45
DKFS-B22B-5K5J
3
1.2
30
0.27
5
6 g
2B
45
DKFS-B22B-0L2J
4
0.7
18
0.29
6.5
6 g
2B
45
DKFS-B22B-04D7
Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Standard packaging carton box, tape and reel packaging on request
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - DKFS-B22B-5K5J

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKFS-6248-0102 SCHURTER-DKFS-6248-0102 Datasheet
330Kb / 1P
   Magnetically Compensated SMD Choke, compact
DKFS-6248-02D5 SCHURTER-DKFS-6248-02D5 Datasheet
330Kb / 1P
   Magnetically Compensated SMD Choke, compact
DKFS-6248-D504 SCHURTER-DKFS-6248-D504 Datasheet
330Kb / 1P
   Magnetically Compensated SMD Choke, compact
More results

Similar Description - DKFS-B22B-5K5J

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKFS SCHURTER-DKFS Datasheet
330Kb / 1P
   Magnetically Compensated SMD Choke, compact
DKFP SCHURTER-DKFP Datasheet
632Kb / 4P
   Magnetically Compensated Choke, compact
DKFP SCHURTER-DKFP_17 Datasheet
567Kb / 6P
   Magnetically Compensated Choke, compact
DKFP SCHURTER-DKFP_V01 Datasheet
575Kb / 6P
   Magnetically Compensated Choke, compact
DFKH SCHURTER-DFKH Datasheet
367Kb / 2P
   Magnetically Compensated Choke, 1-phase, high design
DFKF SCHURTER-DFKF Datasheet
371Kb / 2P
   Magnetically Compensated Choke, 1-phase, flat design
DFKH SCHURTER-DFKH_17 Datasheet
299Kb / 3P
   Magnetically Compensated Choke, 1-phase, high design
DFKH SCHURTER-DFKH_V01 Datasheet
310Kb / 3P
   Magnetically Compensated Choke, 1-phase, high design
DFKF SCHURTER-DFKF_17 Datasheet
291Kb / 3P
   Magnetically Compensated Choke, 1-phase, flat design
DFK SCHURTER-DFK_V01 Datasheet
470Kb / 4P
   Magnetically Compensated Choke, 1- and 3-phase
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com