Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKFS-B22B-1N3L Datasheet(PDF) 2 Page - Schurter Inc.

Part # DKFS-B22B-1N3L
Description  Magnetically Compensated SMD Choke, compact
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DKFS-B22B-1N3L Datasheet(HTML) 2 Page - Schurter Inc.

  DKFS-B22B-1N3L Datasheet HTML 1Page - Schurter Inc. DKFS-B22B-1N3L Datasheet HTML 2Page - Schurter Inc. DKFS-B22B-1N3L Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Suppression Chokes
DKFS
https://www.schurter.com /PG81_82
EMC Products
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimension [mm]
Case 48-2S (SMD-Version)
0.45
max. 11
max. 10.5
0
max. 13.5
14
2
4
3
max. 8.2
3.7
±0.2
1
1)
1) Possible solder land pattern
Case 2B
max. 13
max. 13.5
0.8
1.3
10
1)
10
4
2
3
1
(4x)
±0.3
1) Possible solder land pattern
Impedance curves
DKFS-6248-xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
0.5 A
0.9 A
2A
DKFS-B22B-xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
0.4A
0.5A
0.6A
0.8A
1.0A
1.2A
1.5A
2.0A
2.5A
3.0A
4.0A


Similar Part No. - DKFS-B22B-1N3L

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKFS-6248-0102 SCHURTER-DKFS-6248-0102 Datasheet
330Kb / 1P
   Magnetically Compensated SMD Choke, compact
DKFS-6248-02D5 SCHURTER-DKFS-6248-02D5 Datasheet
330Kb / 1P
   Magnetically Compensated SMD Choke, compact
DKFS-6248-D504 SCHURTER-DKFS-6248-D504 Datasheet
330Kb / 1P
   Magnetically Compensated SMD Choke, compact
More results

Similar Description - DKFS-B22B-1N3L

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKFS SCHURTER-DKFS Datasheet
330Kb / 1P
   Magnetically Compensated SMD Choke, compact
DKFP SCHURTER-DKFP Datasheet
632Kb / 4P
   Magnetically Compensated Choke, compact
DKFP SCHURTER-DKFP_17 Datasheet
567Kb / 6P
   Magnetically Compensated Choke, compact
DKFP SCHURTER-DKFP_V01 Datasheet
575Kb / 6P
   Magnetically Compensated Choke, compact
DFKH SCHURTER-DFKH Datasheet
367Kb / 2P
   Magnetically Compensated Choke, 1-phase, high design
DFKF SCHURTER-DFKF Datasheet
371Kb / 2P
   Magnetically Compensated Choke, 1-phase, flat design
DFKH SCHURTER-DFKH_17 Datasheet
299Kb / 3P
   Magnetically Compensated Choke, 1-phase, high design
DFKH SCHURTER-DFKH_V01 Datasheet
310Kb / 3P
   Magnetically Compensated Choke, 1-phase, high design
DFKF SCHURTER-DFKF_17 Datasheet
291Kb / 3P
   Magnetically Compensated Choke, 1-phase, flat design
DFK SCHURTER-DFK_V01 Datasheet
470Kb / 4P
   Magnetically Compensated Choke, 1- and 3-phase
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com