Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC11646NT Datasheet(PDF) 7 Page - Texas Instruments

Part # 74AC11646NT
Description  OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AC11646NT Datasheet(HTML) 7 Page - Texas Instruments

  74AC11646NT Datasheet HTML 1Page - Texas Instruments 74AC11646NT Datasheet HTML 2Page - Texas Instruments 74AC11646NT Datasheet HTML 3Page - Texas Instruments 74AC11646NT Datasheet HTML 4Page - Texas Instruments 74AC11646NT Datasheet HTML 5Page - Texas Instruments 74AC11646NT Datasheet HTML 6Page - Texas Instruments 74AC11646NT Datasheet HTML 7Page - Texas Instruments 74AC11646NT Datasheet HTML 8Page - Texas Instruments 74AC11646NT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
74AC11646
OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCAS079A – JULY 1987 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–7
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
100
100
MHz
tPLH
AorB
BorA
1.5
5.5
7.9
1.5
8.8
ns
tPHL
A or B
B or A
1.5
6.3
8.9
1.5
9.8
ns
tPZH
OE
AorB
1.5
7.8
10.7
1.5
12
ns
tPZL
OE
A or B
1.5
8.5
11.9
1.5
13.1
ns
tPHZ
OE
AorB
1.5
5.9
8.4
1.5
8.9
ns
tPLZ
OE
A or B
1.5
5.9
7.7
1.5
8.3
ns
tPLH
CLKBA or CLKAB
AorB
1.5
7
9.7
1.5
11
ns
tPHL
CLKBA or CLKAB
A or B
1.5
8.2
11
1.5
12.2
ns
tPLH
SBA or SAB†
AorB
1.5
5.9
8.4
1.5
9.4
ns
tPHL
(A or B high)
A or B
1.5
7.2
9.8
1.5
10.7
ns
tPLH
SBA or SAB†
AorB
1.5
6.3
8.9
1.5
9.9
ns
tPHL
(A or B low)
A or B
1.5
7.3
9.9
1.5
11
ns
tPZH
DIR
AorB
1.5
8.4
11.2
1.5
12.6
ns
tPZL
DIR
A or B
1.5
9.1
12.3
1.5
13.7
ns
tPHZ
DIR
AorB
1.5
6.3
8.2
1.5
8.7
ns
tPLZ
DIR
A or B
1.5
5.7
7.5
1.5
8.1
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per transceiver
Outputs enabled
CL =50 pF
f=1MHz
59
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
15
pF


Similar Part No. - 74AC11646NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11646NT TI1-74AC11646NT Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - 74AC11646NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2953 TI1-SN74BCT2953 Datasheet
92Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11652 TI-74ACT11652 Datasheet
147Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11648 TI1-74ACT11648 Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11651 TI1-74AC11651_10 Datasheet
158Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2952 TI1-SN74BCT2952 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11651 TI1-74ACT11651 Datasheet
145Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC646 TI-SN74LVC646 Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11648 TI1-74AC11648_10 Datasheet
139Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com