Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKLL-0231-0460 Datasheet(PDF) 2 Page - Schurter Inc.

Part # DKLL-0231-0460
Description  Compensated High Inductance Choke, 1-phase
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DKLL-0231-0460 Datasheet(HTML) 2 Page - Schurter Inc.

  DKLL-0231-0460 Datasheet HTML 1Page - Schurter Inc. DKLL-0231-0460 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Suppression Chokes
DKLL-1
https://www.schurter.com /PG81_82
EMC Products
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimension [mm]
Case 31-2P
80
65
50.8
6.8
1)
(0.8)
55
10
4
12
1) Spacing given at pin base
Case 46-2P
50
40
30.8
5.8
1)
(0.8)
35
10
2.5
Impedance curves
DKLL-0231-xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
4 A
5 A
7 A
DKLL-0246-xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
4 A
6 A
All Variants
In [A]
Ln [mH]
Rcu
[m
Ω]
Powerloss [W]
fRES
[MHz]
Copper ø
[mm]
Weight [g]
Housings
Packing unit [pcs.]
Order Number
4
60
250
8
0.1
0.71
490 g
31-2P
2
DKLL-0231-0460
5
40
126
6.3
0.048
0.9
490 g
31-2P
2
DKLL-0231-0540
7
20
62
6
0.18
1.12
505 g
31-2P
2
DKLL-0231-0720
4
30
96
3
0.2
0.8
145 g
46-2P
10
DKLL-0246-0430
6
14
46
3.3
0.3
1
145 g
46-2P
10
DKLL-0246-0614
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - DKLL-0231-0460

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKLL-0231-0460 SCHURTER-DKLL-0231-0460 Datasheet
372Kb / 2P
   Compensated High Inductance Choke, 1-phase
More results

Similar Description - DKLL-0231-0460

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKLP-1 SCHURTER-DKLP-1_V01 Datasheet
286Kb / 3P
   Compensated High Inductance Choke, 1-phase
DKLP-1 SCHURTER-DKLP-1_17 Datasheet
275Kb / 3P
   Compensated High Inductance Choke, 1-phase
DKLL-1 SCHURTER-DKLL-1 Datasheet
372Kb / 2P
   Compensated High Inductance Choke, 1-phase
DKLP-1 SCHURTER-DKLP-1 Datasheet
359Kb / 2P
   Compensated High Inductance Choke, 1-phase
DKLL-1 SCHURTER-DKLL-1_V01 Datasheet
264Kb / 2P
   Compensated High Inductance Choke, 1-phase
DKLL-3 SCHURTER-DKLL-3 Datasheet
375Kb / 2P
   Compensated High Inductance Choke, 3-phase
DKLP-3 SCHURTER-DKLP-3 Datasheet
352Kb / 2P
   Compensated High Inductance Choke, 3-phase
DKLP-3 SCHURTER-DKLP-3_17 Datasheet
295Kb / 3P
   Compensated High Inductance Choke, 3-phase
DKLP-3 SCHURTER-DKLP-3_V01 Datasheet
306Kb / 3P
   Compensated High Inductance Choke, 3-phase
DKLL-3 SCHURTER-DKLL-3_V01 Datasheet
292Kb / 3P
   Compensated High Inductance Choke, 3-phase
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com