Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKIH-3242-20D5 Datasheet(PDF) 5 Page - Schurter Inc.

Part # DKIH-3242-20D5
Description  Compensated High Current Choke, 1-phase
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DKIH-3242-20D5 Datasheet(HTML) 5 Page - Schurter Inc.

  DKIH-3242-20D5 Datasheet HTML 1Page - Schurter Inc. DKIH-3242-20D5 Datasheet HTML 2Page - Schurter Inc. DKIH-3242-20D5 Datasheet HTML 3Page - Schurter Inc. DKIH-3242-20D5 Datasheet HTML 4Page - Schurter Inc. DKIH-3242-20D5 Datasheet HTML 5Page - Schurter Inc. DKIH-3242-20D5 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Suppression Chokes
DKIH-1
https://www.schurter.com /PG81_82
EMC Products
Diagrams
1
3
2
4
1 phase
Impedance curves
DKIH-3237-xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
10 A
12 A
DKIH-3237-xxxx-NK
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
10 A
12 A
DKIH-3242-xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
16 A
20 A
25 A
DKIH-3242-xxxx-NK
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
16 A
20 A
25 A
DKIH-3252-xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
32 A
40 A
50 A
DKIH-3252-xxxx-NK
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
32 A
40 A
50 A


Similar Part No. - DKIH-3242-20D5

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKIH-3242-20D5 SCHURTER-DKIH-3242-20D5 Datasheet
553Kb / 5P
   Compensated High Current Choke, 1-phase
More results

Similar Description - DKIH-3242-20D5

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKIP-1 SCHURTER-DKIP-1_17 Datasheet
295Kb / 3P
   Compensated High Current Choke, 1-phase
DKIP-1 SCHURTER-DKIP-1_V01 Datasheet
306Kb / 3P
   Compensated High Current Choke, 1-phase
DKIL-1 SCHURTER-DKIL-1_17 Datasheet
250Kb / 2P
   Compensated High Current Choke, 1-phase
DKIL-1 SCHURTER-DKIL-1 Datasheet
369Kb / 2P
   Compensated High Current Choke, 1-phase
DKIH-1 SCHURTER-DKIH-1_V01 Datasheet
681Kb / 6P
   Compensated High Current Choke, 1-phase
DKIP-1 SCHURTER-DKIP-1 Datasheet
359Kb / 2P
   Compensated High Current Choke, 1-phase
DKIH-3237-10D8 SCHURTER-DKIH-3237-10D8 Datasheet
553Kb / 5P
   Compensated High Current Choke, 1-phase
DKIL-1 SCHURTER-DKIL-1_V01 Datasheet
261Kb / 2P
   Compensated High Current Choke, 1-phase
DKIL-3 SCHURTER-DKIL-3 Datasheet
376Kb / 2P
   Compensated High Current Choke, 3-phase
DKIP-3 SCHURTER-DKIP-3 Datasheet
353Kb / 2P
   Compensated High Current Choke, 3-phase
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com