Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKIH-3352-162N-NK Datasheet(PDF) 2 Page - Schurter Inc.

Part # DKIH-3352-162N-NK
Description  Compensated High Current Choke, 3-phase
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DKIH-3352-162N-NK Datasheet(HTML) 2 Page - Schurter Inc.

  DKIH-3352-162N-NK Datasheet HTML 1Page - Schurter Inc. DKIH-3352-162N-NK Datasheet HTML 2Page - Schurter Inc. DKIH-3352-162N-NK Datasheet HTML 3Page - Schurter Inc. DKIH-3352-162N-NK Datasheet HTML 4Page - Schurter Inc. DKIH-3352-162N-NK Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Suppression Chokes
DKIH-3
https://www.schurter.com /PG81_82
EMC Products
Dimension [mm]
52-12
max. 53
max. 31
(6x) terminal ø1.5 +0.3/-0
Label
1
5
16.5
7.5
6.3
6
3
4
1
2
5
0
2.9
4.3
22.6
(+/- 0.1)
(+/- 0.1)
+1
-0.5
52-16
max. 53
max. 31
(6x) terminal ø1.8
Label
1
5
22
7.5
54
2
3
1
6
0
2
3.8
5.5
14.8
(+/- 0.1)
(+/- 0.1)
+1
-0.5
52-20
max. 53
max. 31
(6x) terminal ø2.24
Label
1
5
7.5
17.7
3.6
5
4
2
3
1
6
0
6.4
20.8
(+/- 0.1)
0.7
(+/- 0.1)
+1
-0.5


Similar Part No. - DKIH-3352-162N-NK

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKIH-3352-16D5 SCHURTER-DKIH-3352-16D5 Datasheet
531Kb / 5P
   Compensated High Current Choke, 3-phase
More results

Similar Description - DKIH-3352-162N-NK

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKIL-3 SCHURTER-DKIL-3 Datasheet
376Kb / 2P
   Compensated High Current Choke, 3-phase
DKIP-3 SCHURTER-DKIP-3 Datasheet
353Kb / 2P
   Compensated High Current Choke, 3-phase
DKIH-3352-102J SCHURTER-DKIH-3352-102J Datasheet
531Kb / 5P
   Compensated High Current Choke, 3-phase
DKIP-3 SCHURTER-DKIP-3_V01 Datasheet
305Kb / 3P
   Compensated High Current Choke, 3-phase
DKIH-3 SCHURTER-DKIH-3_V01 Datasheet
652Kb / 6P
   Compensated High Current Choke, 3-phase
DKIP-3 SCHURTER-DKIP-3_17 Datasheet
294Kb / 3P
   Compensated High Current Choke, 3-phase
DKIL-3 SCHURTER-DKIL-3_17 Datasheet
252Kb / 2P
   Compensated High Current Choke, 3-phase
DKIL-3 SCHURTER-DKIL-3_V01 Datasheet
263Kb / 2P
   Compensated High Current Choke, 3-phase
DKIP-1 SCHURTER-DKIP-1_17 Datasheet
295Kb / 3P
   Compensated High Current Choke, 1-phase
DKIP-1 SCHURTER-DKIP-1_V01 Datasheet
306Kb / 3P
   Compensated High Current Choke, 1-phase
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com