Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKIH-3242-202M-NK Datasheet(PDF) 1 Page - Schurter Inc.

Part # DKIH-3242-202M-NK
Description  Compensated High Current Choke, 1-phase
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DKIH-3242-202M-NK Datasheet(HTML) 1 Page - Schurter Inc.

  DKIH-3242-202M-NK Datasheet HTML 1Page - Schurter Inc. DKIH-3242-202M-NK Datasheet HTML 2Page - Schurter Inc. DKIH-3242-202M-NK Datasheet HTML 3Page - Schurter Inc. DKIH-3242-202M-NK Datasheet HTML 4Page - Schurter Inc. DKIH-3242-202M-NK Datasheet HTML 5Page - Schurter Inc. DKIH-3242-202M-NK Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Suppression Chokes
DKIH-1
https://www.schurter.com /PG81_82
EMC Products
Compensated High Current Choke, 1-phase
Approvals and Compliances
Description
- Current compensated choke
- 1-phase choke
- THT-terminals
- Flange for mounting onto printed circuit board
Unique Selling Proposition
- Compact size and light weight
- Open design for optimal cooling
- Nanocrystalline or ferrite ring cores
- Customer specific pin outs available
Applications
- Frequency converter
- Charge stations
- UPS-systems
- Switching power supplies
Weblinks
pdf datasheet, html-datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product, SPICE Library
Technical Data
Rated voltage
IEC, UL: 300 VAC
CSA: 250 VAC
max. 425 VDC
Rated Current
10 - 50 A @ Ta 40 °C
Rated inductance
0.15 - 6.9 mH, Tol. -30% +50%
Power Operating Frequency
0 - 400 Hz
Terminal Type
THT
Weight
30 - 115 g
Material: Housing
UL 94V-0
Test Voltage
2500 VDC, 2 sec, winding to winding
Climatic Category
40/100/21 acc. to IEC 60068-1
Allowable Operation Temp.
-40 °C to 100 °C
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: DKIH-1
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
Certificate Number: 40043700
UL Approvals
UL
UL File Number: E72928
Approvals
UL File Number: DKIH-1
Approvals
UL File Number: DKIH-1
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technologyequipment.


Similar Part No. - DKIH-3242-202M-NK

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKIH-3242-20D5 SCHURTER-DKIH-3242-20D5 Datasheet
553Kb / 5P
   Compensated High Current Choke, 1-phase
More results

Similar Description - DKIH-3242-202M-NK

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKIP-1 SCHURTER-DKIP-1_17 Datasheet
295Kb / 3P
   Compensated High Current Choke, 1-phase
DKIP-1 SCHURTER-DKIP-1_V01 Datasheet
306Kb / 3P
   Compensated High Current Choke, 1-phase
DKIL-1 SCHURTER-DKIL-1_17 Datasheet
250Kb / 2P
   Compensated High Current Choke, 1-phase
DKIL-1 SCHURTER-DKIL-1 Datasheet
369Kb / 2P
   Compensated High Current Choke, 1-phase
DKIH-1 SCHURTER-DKIH-1_V01 Datasheet
681Kb / 6P
   Compensated High Current Choke, 1-phase
DKIP-1 SCHURTER-DKIP-1 Datasheet
359Kb / 2P
   Compensated High Current Choke, 1-phase
DKIH-3237-10D8 SCHURTER-DKIH-3237-10D8 Datasheet
553Kb / 5P
   Compensated High Current Choke, 1-phase
DKIL-1 SCHURTER-DKIL-1_V01 Datasheet
261Kb / 2P
   Compensated High Current Choke, 1-phase
DKIL-3 SCHURTER-DKIL-3 Datasheet
376Kb / 2P
   Compensated High Current Choke, 3-phase
DKIP-3 SCHURTER-DKIP-3 Datasheet
353Kb / 2P
   Compensated High Current Choke, 3-phase
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com