Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AC11109 Datasheet(PDF) 1 Page - Texas Instruments

Part No. 74AC11109
Description  DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AC11109 Datasheet(HTML) 1 Page - Texas Instruments

  74AC11109 Datasheet HTML 1Page - Texas Instruments 74AC11109 Datasheet HTML 2Page - Texas Instruments 74AC11109 Datasheet HTML 3Page - Texas Instruments 74AC11109 Datasheet HTML 4Page - Texas Instruments 74AC11109 Datasheet HTML 5Page - Texas Instruments 74AC11109 Datasheet HTML 6Page - Texas Instruments 74AC11109 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
54AC11109, 74AC11109
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS
WITH CLEAR AND PRESET
SCAS450 – MARCH 1987 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
2–1
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPIC™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
500-mA Typical Latch-Up Immunity
at 125
°C
ESD Protection Exceeds 2000 V,
MIL STD-883C Method 3015
Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
These devices contain two independent J-K
positive-edge-triggered flip-flops. A low level at
the preset (PRE) or clear (CLR) inputs sets or
resets the outputs regardless of the levels of the
other inputs. When preset and clear are inactive
(high), data at the J and K inputs meeting the setup
time requirements are transferred to the outputs
on the positive-going edge of the clock pulse.
Clock triggering occurs at a voltage level and is not
directly related to the rise time of the clock pulse.
Following the hold time interval, data at the J and
K inputs may be changed without affecting the
levels at the outputs. These versatile flip-flops can
perform as toggle flip-flops by grounding K and
tying J high. They also can perform as D-type
flip-flops by tying the J and K inputs together.
The 54AC11109 is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
74AC11109 is characterized for operation from – 40
°C to 85°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUTS
PRE
CLR
CLK
J
K
Q
Q
L
H
X
X
X
H
L
H
LX
X
X
L
H
L
LX
X
X
H†
H†
H
H
LL
L
H
H
H
H
L
Toggle
H
H
LH
Q0
Q0
H
H
HH
H
L
H
H
L
X
X
Q0
Q0
† This configuration is nonstable; that is, it will not persist when
either PRE or CLR returns to its inactive (high) level.
54AC11109 ...J PACKAGE
74AC11109 ...D OR N PACKAGE
(TOP VIEW)
54AC11109 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1PRE
1Q
1Q
GND
2Q
2Q
2PRE
2CLK
1CLK
1K
1J
1CLR
VCC
2CLR
2J
2K
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2J
2K
NC
2CLK
2PRE
1K
1CLK
NC
1PRE
1Q
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn