Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A21ACQ48VDC1.9D1 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # A21ACQ48VDC1.9D1
Description  Large switching capacity up to 40A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A21ACQ48VDC1.9D1 Datasheet(HTML) 1 Page - CIT Relay & Switch

  A21ACQ48VDC1.9D1 Datasheet HTML 1Page - CIT Relay & Switch A21ACQ48VDC1.9D1 Datasheet HTML 2Page - CIT Relay & Switch A21ACQ48VDC1.9D1 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
page 1
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
RoHS Compliant
A2
26.0 x 26.0 x 24.5 (39.5) mm
Large switching capacity up to 40A
Small size and light weight
PCB pin and quick connect mounting available
Suitable for automobile and lamp accessories
QS-9000, ISO-9002 Certified Manufacturing
Coil Data*
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
70% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
1.6W
1.9W
6
7.8
22.5
19
4.20
6
1.60 or 1.90
7
5
12
15.6
90
75.8
8.40
1.2
24
31.2
360
303.2
16.80
2.4
48
62.4
1440
1212
33.60
4.8
General Data*
Contact Data*
Contact Arrangement
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
Contact Rating
1A : 40A @ 14VDC
1B : 30A @ 14VDC
1C : 40A @ 14VDC N.O. and
1C : 30A @ 14VDCN.C.
Contact Resistance
< 30 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
630W
Maximum Switching Voltage
75VDC
Maximum Switching Current
40A
Electrical Life @ rated load
100K cycles, average
Mechanical Life
10M cycles, average
Insulation Resistance
100M Ω min. @ 500VDC initial
Dielectric Strength
Coil to Contact 750V rms min. @ sea level initial
Contact to Contact 500V rms min. @ sea level initial
Shock Resistance
147m/s2 for 11 ms
Vibration Resistance
1.5mm double amplitude 10~40Hz
Terminal (Copper Alloy) Strength
8N (quick connect), 4N (PCB pins)
Operating Temperature
-40oC to +125oC
Storage Temperature
-40oC to +155oC
Solderability
260oC for 5 s
Weight
31g
Features
* Values can change due to the switching frequency, desired reliability levels, environmental conditions and in-rush load levels. It is recommended to test actual load conditions for the
application. It is the user’s responsibility to determine the performance suitability for their specific application. The use of any coil voltage less than the rated coil voltage may compromise
the operation of the relay.


Similar Part No. - A21ACQ48VDC1.9D1

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A21ACQ12VDC1.6 CIT-A21ACQ12VDC1.6 Datasheet
293Kb / 3P
   CIT SWITCH
A21ACQ12VDC1.62D CIT-A21ACQ12VDC1.62D Datasheet
293Kb / 3P
   CIT SWITCH
A21ACQ12VDC1.6D CIT-A21ACQ12VDC1.6D Datasheet
293Kb / 3P
   CIT SWITCH
A21ACQ12VDC1.6D1 CIT-A21ACQ12VDC1.6D1 Datasheet
293Kb / 3P
   CIT SWITCH
A21ACQ12VDC1.6DR CIT-A21ACQ12VDC1.6DR Datasheet
293Kb / 3P
   CIT SWITCH
More results

Similar Description - A21ACQ48VDC1.9D1

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A91AC12VDC CIT-A91AC12VDC Datasheet
113Kb / 2P
   Switching capacity up to 40A
A3F1CSQ24VDC2 CIT-A3F1CSQ24VDC2 Datasheet
139Kb / 4P
   Large switching capacity up to 80A
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
   Switching capacity up to 15A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
   Switching capacity up to 25A
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
   Switching capacity up to 30A
J098 CIT-J098 Datasheet
92Kb / 3P
   Switching capacity up to 6A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com