Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A21ACP48VDC1.9D1 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # A21ACP48VDC1.9D1
Description  Large switching capacity up to 40A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A21ACP48VDC1.9D1 Datasheet(HTML) 2 Page - CIT Relay & Switch

  A21ACP48VDC1.9D1 Datasheet HTML 1Page - CIT Relay & Switch A21ACP48VDC1.9D1 Datasheet HTML 2Page - CIT Relay & Switch A21ACP48VDC1.9D1 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
A2
page 2
1. Series
A2
1C
S
Q
12VDC
1.6
A2 standard
A2F with mounting flange
A2M with metal bracket
A2S with metal bracket and shroud
2. Contact Arrangement
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
3. Sealing Option
S = Sealed
C = Dust Cover *not available with A2S
4. Termination
P = PCB Pins *not available with A2S
Q = Quick Connect
5. Coil Voltage
6VDC
12VDC
24VDC
48VDC
6. Coil Power
1.6 = 1.6W
1.9 = 1.9W
7. Coil Suppression
Blank = Standard
D = Diode (1N4005) Cathode on “86” terminal
D1 = Diode (1N4004) Cathode on “86” terminal
R = Resistor (180Ω for 6VDC; 680Ω for 12VDC; 2700Ω for 24VDC)
2D = 2 Diodes (1N4005)
DR = Diode & Resistor Cathode on “86” terminal (1N4005 & 180Ω for 6VDC; 680Ω for 12VDC; 2700Ω for 24VDC)
** Consult factory if other values are needed
Ordering Information
Dimensions
Units = mm
26.00
[1.02]
26.00
[1.02]
24.50
[.96]
9.50
[.37]
8.43
[.33]
8.43
[.33]
8.38
[.33]
2.10 TYP
[.08]
0.80 TYP
[.03]
5.15 TYP
[.20]
26.00
[1.02]
26.00
[1.02]
6.35 TYP
[.25]
10.75 TYP
[.42]
24.50
[.96]
0.80 TYP
[.03]
A2 with PC Pins
A2 with Quick Connect


Similar Part No. - A21ACP48VDC1.9D1

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A21ACP12VDC1.6 CIT-A21ACP12VDC1.6 Datasheet
293Kb / 3P
   CIT SWITCH
A21ACP12VDC1.62D CIT-A21ACP12VDC1.62D Datasheet
293Kb / 3P
   CIT SWITCH
A21ACP12VDC1.6D CIT-A21ACP12VDC1.6D Datasheet
293Kb / 3P
   CIT SWITCH
A21ACP12VDC1.6D1 CIT-A21ACP12VDC1.6D1 Datasheet
293Kb / 3P
   CIT SWITCH
A21ACP12VDC1.6DR CIT-A21ACP12VDC1.6DR Datasheet
293Kb / 3P
   CIT SWITCH
More results

Similar Description - A21ACP48VDC1.9D1

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A91AC12VDC CIT-A91AC12VDC Datasheet
113Kb / 2P
   Switching capacity up to 40A
A3F1CSQ24VDC2 CIT-A3F1CSQ24VDC2 Datasheet
139Kb / 4P
   Large switching capacity up to 80A
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
   Switching capacity up to 15A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
   Switching capacity up to 25A
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
   Switching capacity up to 30A
J098 CIT-J098 Datasheet
92Kb / 3P
   Switching capacity up to 6A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com