Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N1136-X007 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 6N1136-X007
Description  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N1136-X007 Datasheet(HTML) 1 Page - Vishay Siliconix

  6N1136-X007 Datasheet HTML 1Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 2Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 3Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 4Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 5Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 6Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 7Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 8Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
6N1135/ 6N1136
Document Number 83909
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
1
i179081
1
2
3
4
8
7
6
5
C(VCC)
NC
A
C
NC
B(VB)
C(VO)
E (GND)
Pb
Pb-free
e3
High Speed Optocoupler, 1 MBd, Photodiode with Transistor
Output, 110 °C Rated
Features
• Operating Temperature from -55 °C to +110 °C
• Isolation Test Voltage: 5300 VRMS
• TTL Compatible
• High Bit Rates: 1.0 MBd
• Bandwidth 2.0 MHz
• Open-Collector Output
• External Base Wiring Possible
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL 1577 - File No. E52744 System Code H or J
• DIN EN 60747-5-2 (VDE0884)
• CUL - File No. E52744, equivalent to CSA bulletin
5A
Description
The 6N1135 and 6N1136 are 110 °C rated optocou-
plers with a GaAIAs infrared emitting diode, optically
coupled with an integrated photo detector which con-
sists of a photo diode and a high-speed transistor in a
DIP-8 plastic package.
Signals can be transmitted between two electrically
separated circuits up to frequencies of 2.0 MHz. The
potential difference between the circuits to be coupled
should not exceed the maximum permissible refer-
ence voltages
Order Information
For additional information on the available options refer to
Option Information.
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Part
Remarks
6N1135
CTR
≥ 7 %, DIP-8
6N1136
CTR
≥ 19 %, DIP-8
6N1135-X007
CTR
≥ 7 %, SMD-8 (option 7)
6N1136-X006
CTR
≥ 19 %, DIP-8 400 mil (option 6)
6N1136-X007
CTR
≥ 19 %, SMD-8 (option 7)
6N1136-X009
CTR
≥ 19 %, SMD-8 (option 9)
Parameter
Test condition
Symbol
Value
Unit
Reverse voltages
VR
5.0
V
Forward current
IF
25
mA
Peak forward current
t = 1.0 ms, duty cycle 50 %
IFM
50
mA
Maximum surge forward current t
≤ 1.0 µs, 300 pulses/s
IFSM
1.0
A
Thermal resistance
Rth
700
K/W
Power dissipation
Tamb = 70 °C
Pdiss
45
mW


Similar Part No. - 6N1136-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N1136-X007 VISHAY-6N1136-X007 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
More results

Similar Description - 6N1136-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N1135 VISHAY-6N1135_08 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com