Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

19MT050XF Datasheet(PDF) 6 Page - International Rectifier

Part No. 19MT050XF
Description  FULL BRIDGE FREDFET MTP HEXFET POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

19MT050XF Datasheet(HTML) 6 Page - International Rectifier

Back Button 19MT050XF Datasheet HTML 2Page - International Rectifier 19MT050XF Datasheet HTML 3Page - International Rectifier 19MT050XF Datasheet HTML 4Page - International Rectifier 19MT050XF Datasheet HTML 5Page - International Rectifier 19MT050XF Datasheet HTML 6Page - International Rectifier 19MT050XF Datasheet HTML 7Page - International Rectifier 19MT050XF Datasheet HTML 8Page - International Rectifier 19MT050XF Datasheet HTML 9Page - International Rectifier 19MT050XF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
19MT050XF
Bulletin I27128 Rev.C 07/03
6
www.irf.com
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
- VDD
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W) τi (sec)
0.1272
0.00109
0.2697
0.03739
0.0429
3.749
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
τ
τ
C
Ci= i
/Ri
Ci=
τi/Ri
TC, Case Temperature
0
4
8
12
16
20
24
28
32
25
50
75
100
125
150


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
APTM20HM16FT Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM100H45ST Full bridge Series & parallel diodes MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM20HM20FT Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM10HM05F Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM120H29F Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM10HM09FT Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM120H57FT Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM10HM09FT3G Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM120H57FT3 Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM10HM19FT3 Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn