Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

19MT050XF Datasheet(PDF) 4 Page - International Rectifier

Part No. 19MT050XF
Description  FULL BRIDGE FREDFET MTP HEXFET POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

19MT050XF Datasheet(HTML) 4 Page - International Rectifier

  19MT050XF Datasheet HTML 1Page - International Rectifier 19MT050XF Datasheet HTML 2Page - International Rectifier 19MT050XF Datasheet HTML 3Page - International Rectifier 19MT050XF Datasheet HTML 4Page - International Rectifier 19MT050XF Datasheet HTML 5Page - International Rectifier 19MT050XF Datasheet HTML 6Page - International Rectifier 19MT050XF Datasheet HTML 7Page - International Rectifier 19MT050XF Datasheet HTML 8Page - International Rectifier 19MT050XF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
19MT050XF
Bulletin I27128 Rev.C 07/03
4
www.irf.com
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
5.0V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
BOTTOM 5.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
5.0V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
BOTTOM 5.0V
4.0
5.0
6.0
7.0
8.0
9.0
VGS, Gate-to-Source Voltage (V)
0
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 50V
20µs PULSE WIDTH
-60 -40 -20
0
20
40
60
80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
ID = 31A
VGS = 10V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
APTM20HM16FT Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM100H45ST Full bridge Series & parallel diodes MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM20HM20FT Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM10HM05F Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM120H29F Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM10HM09FT Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM120H57FT Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM10HM09FT3G Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM120H57FT3 Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology
APTM10HM19FT3 Full - Bridge MOSFET Power Module 1  2  3  4  5  More Advanced Power Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn