Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N1136-X006 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 6N1136-X006
Description  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N1136-X006 Datasheet(HTML) 5 Page - Vishay Siliconix

  6N1136-X006 Datasheet HTML 1Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 2Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 3Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 4Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 5Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 6Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 7Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 8Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
6N1135/ 6N1136
Document Number 83909
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
5
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 3. Forward Voltage vs. Forward Current
Figure 4. Collector Current vs. Collector Emitter Voltage
Figure 5. Collector Current vs. Collector Emitter Voltage
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
0.01
0.10
1.00
10.00
100.00
IF – Forward Current ( mA )
17585
110
°C
0
°C
50
°C
25
°C
–55
°C
0
1
2
3
4
5
6
7
8
9
10
11
12
0 123 4567 89 10 11 12 13 14 15
VCE – Collector Emitter Voltage ( V )
17586
Tamb = 25_C,
VCC= 5 V, non–saturated
IF = 25 mA
20 mA
15 mA
10 mA
5 mA
0
1
2
3
4
5
6
7
8
0.0
0.1
0.2
0.3
0.4
0.5
VCE – Collector Emitter Voltage ( V )
17629
Tamb = 25_C,
VCC= 5 V,
saturated
IF = 25 mA
20 mA
15 mA
10 mA
5 mA
1 mA
Figure 6. Collector-Emitter Dark Current vs. Ambient Temperature
Figure 7. Normalized Current Transfer Ratio vs. Ambient
Temperature
Figure 8. Normalized Current Transfer Ratio vs. Ambient
Temperature
–55 –35 –15
5
25
45
65
85 105 125
Tamb – Ambient Temperature ( _C )
17590
100
10
0.1
0.01
1000
VCC = VCE = 15 V
1
VCC = VCE = 5 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–55 –35 –15
5
25
45
65
85 105 125
Tamb – Ambient Temperature ( °C )
17630
Normalized to IF = 10 mA,
Tamb = 25_C, VCC= 5 V
VO = 0.4 V, saturated
10 mA
5 mA
IF = 1 mA
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
–55 –35 –15
5
25
45
65
85 105 125
Tamb – Ambient Temperature ( °C )
17631
Normalized to IF = 16 mA,
Tamb = 25_C, VCC= 5 V
VO = 0.4 V, saturated
10 mA
5 mA
IF = 1 mA
16 mA


Similar Part No. - 6N1136-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N1136-X006 VISHAY-6N1136-X006 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
More results

Similar Description - 6N1136-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N1135 VISHAY-6N1135_08 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com