Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL4040 Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # NL4040
Description  Thermoelectric Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

NL4040 Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  NL4040 Datasheet HTML 1Page - II-VI Marlow, Inc. NL4040 Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MI Form 005-0808 Rev. B
DOC # 102-0308 REV L - PAGE 1 OF 2
www.marlow.com
Technical Data Sheet for
NL4040
Thermoelectric Module
NOMINAL PERFORMANCE IN NITROGEN
Hot Side Temperature (°C)
27
50
Δ Tmax (°C):
120
136
Qmax (watts):
2.7
3.0
Imax (amps):
4.0
4.0
Vmax (vdc):
6.8
7.7
AC Resistance (ohms):
1.62
--
PRODUCT FEATURES
RoHS EU Compliant
Pretinned metallized ceramic surface(s) with 117°C solder.
Thermistor mounted on edge of cold side ceramic.
(Calibration available.)
Elevated temperature burn-in with test data provided.
ORDERING OPTIONS
Model Number
Description
NL4040-01BC-36
Both Sides Metallized, Elevated
Temperature Burn-In with Test Data
NL4040-02BC-36
Base Side Metallized, Elevated
Temperature Burn-In with Test Data
NL4040-03BC
No Sides Metallized
NL4040-04BC
Both Sides Metallized
NL4040-05BC
Base Side Metallized
OPERATION CAUTIONS
For maximum reliability, storage and operation below
85°C in a non-condensing environment is recommended.
To minimize thermal stress, use linear/proportional
temperature control or a similar method rather than an
ON/OFF method.
INSTALLATION
Recommended mounting methods: Bonding with thermal
epoxy or soldering with metallized ceramics. For additional
information, please refer to our TEM Installation Guide.
II-VI Marlow – Dallas, TX USA
214-340-4900
877-627-5691
marlow.sales@ii-vi.com
Marlow Industries Europe
GmbH - Germany
+49 (0) 6150 5439 - 403
info@marlow-europe.eu
II-VI Japan Inc.
81 43 297 2693 (tel)
center@ii-vi.co.jp
www.ii-vi.co.jp
II-VI Singapore Pte., Ltd.
(65) 6481 8215 (tel)
info@ii-vi.com.sg
Marlow Industries China, II-VI
Technologies Beijing
86-10-643 98226
info@iivibj.com


Similar Part No. - NL4040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NL4040 ETC2-NL4040 Datasheet
150Kb / 2P
   Thermoelectric Cooler
logo
II-VI Marlow, Inc.
NL4040 VIMARLOW-NL4040 Datasheet
158Kb / 2P
   Thermoelectric Cooler
NL4040-01BC-36 VIMARLOW-NL4040-01BC-36 Datasheet
158Kb / 2P
   Thermoelectric Cooler
logo
List of Unclassifed Man...
NL4040-02BC ETC2-NL4040-02BC Datasheet
150Kb / 2P
   Thermoelectric Cooler
logo
II-VI Marlow, Inc.
NL4040-02BC-36 VIMARLOW-NL4040-02BC-36 Datasheet
158Kb / 2P
   Thermoelectric Cooler
More results

Similar Description - NL4040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPE-71-10-08 ETC2-HPE-71-10-08 Datasheet
506Kb / 3P
   Thermoelectric module
HPE-288-10-08 ETC2-HPE-288-10-08 Datasheet
564Kb / 3P
   Thermoelectric module
PE1-7107AC ETC2-PE1-7107AC Datasheet
127Kb / 2P
   Thermoelectric module
HPE-288-10-05 ETC2-HPE-288-10-05 Datasheet
583Kb / 3P
   Thermoelectric module
HPE-288-14-06 ETC2-HPE-288-14-06 Datasheet
412Kb / 3P
   Thermoelectric module
logo
II-VI Marlow, Inc.
NL3021T-AC-BC VIMARLOW-NL3021T-AC-BC Datasheet
481Kb / 2P
   Thermoelectric Module
logo
RMT Ltd.
2MDX06-022-0510 RMT-2MDX06-022-0510 Datasheet
223Kb / 3P
   Thermoelectric Module
1MC06-126-05 RMT-1MC06-126-05 Datasheet
255Kb / 4P
   Thermoelectric Module
1MC06-142-05 RMT-1MC06-142-05 Datasheet
252Kb / 4P
   Thermoelectric Module
1MD04-003-05 RMT-1MD04-003-05 Datasheet
248Kb / 4P
   Thermoelectric module
1MD04-004-03-1 RMT-1MD04-004-03-1 Datasheet
542Kb / 5P
   Thermoelectric Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com