Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL3021T-01 Datasheet(PDF) 2 Page - II-VI Marlow, Inc.

Part # NL3021T-01
Description  Thermoelectric Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

NL3021T-01 Datasheet(HTML) 2 Page - II-VI Marlow, Inc.

  NL3021T-01 Datasheet HTML 1Page - II-VI Marlow, Inc. NL3021T-01 Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MI Form 005-0808 Rev. B
DOC # 102-0304 REV M - PAGE 2 OF 2
www.marlow.com
ENVIRONMENT: ONE ATMOSPHERE DRY NITROGEN
For performance information in a vacuum or with hot side temperatures other than 27°C or 50°C, contact one of our Applications Engineers at 877-627-5691.
All units are in inches and [ ] are in millimeters unless otherwise stated.
For customer support or general questions please contact a local office or visit our website at www.marlow.com.
Marlow reserves the right to make product changes without notice.
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
(WATTS)
LOAD
HEAT
T=0
Q=0
120.0
100.0
80.0
60.0
40.0
20.0
0.0
CURRENT (AMPS)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
2.0
1.6
1.2
0.8
0.4
0.0
0.30
0.25
0.20
0.15
0.10
0.05
0.00
(WATTS)
LOAD
HEAT
T=0
Q=0
120.0
100.0
80.0
60.0
40.0
20.0
0.0
CURRENT (AMPS)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
2.0
1.6
1.2
0.8
0.4
0.0
[50.80+/-6.35]
2.00 +/-.25
Negative Lead
Positive Lead
[5.38 +/-0.25]
.212+/-.010
[2.54]
.100
[2.54]
.100
Cold Side
[6.60]
.260
[6.60]
.260
Leads: 28AWG BUS
Solid Tinned Copper
.004 [0.10]
.001 [0.03]
.001[0.03]
A
Ceramic Material: Alumina (AC) or
Beryllia (BC)
A
Millimeters are in [ ]
Hot Side Temperature 27°C
Hot Side Temperature 50°C
Beryllium Oxide Handling
Precautions
Beryllium oxide can be toxic only when
dust, mist, or fumes containing particles
small enough to enter the lungs are
inhaled. For the user, precautions required
are to avoid grinding, machining or
pulverizing the material by mechanical,
thermal, or chemical processing.
marlow industries, inc.
R


Similar Part No. - NL3021T-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NL3021T-01 ETC2-NL3021T-01 Datasheet
140Kb / 2P
   Thermoelectric Cooler
logo
II-VI Marlow, Inc.
NL3021T-01 VIMARLOW-NL3021T-01 Datasheet
151Kb / 2P
   Thermoelectric Cooler
More results

Similar Description - NL3021T-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPE-71-10-08 ETC2-HPE-71-10-08 Datasheet
506Kb / 3P
   Thermoelectric module
HPE-288-10-08 ETC2-HPE-288-10-08 Datasheet
564Kb / 3P
   Thermoelectric module
PE1-7107AC ETC2-PE1-7107AC Datasheet
127Kb / 2P
   Thermoelectric module
HPE-288-10-05 ETC2-HPE-288-10-05 Datasheet
583Kb / 3P
   Thermoelectric module
HPE-288-14-06 ETC2-HPE-288-14-06 Datasheet
412Kb / 3P
   Thermoelectric module
logo
RMT Ltd.
2MDX06-022-0510 RMT-2MDX06-022-0510 Datasheet
223Kb / 3P
   Thermoelectric Module
1MC06-126-05 RMT-1MC06-126-05 Datasheet
255Kb / 4P
   Thermoelectric Module
1MC06-142-05 RMT-1MC06-142-05 Datasheet
252Kb / 4P
   Thermoelectric Module
1MD04-003-05 RMT-1MD04-003-05 Datasheet
248Kb / 4P
   Thermoelectric module
1MD04-004-03-1 RMT-1MD04-004-03-1 Datasheet
542Kb / 5P
   Thermoelectric Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com