Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL2022T-03 Datasheet(PDF) 2 Page - II-VI Marlow, Inc.

Part # NL2022T-03
Description  Thermoelectric Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

NL2022T-03 Datasheet(HTML) 2 Page - II-VI Marlow, Inc.

  NL2022T-03 Datasheet HTML 1Page - II-VI Marlow, Inc. NL2022T-03 Datasheet HTML 2Page - II-VI Marlow, Inc. NL2022T-03 Datasheet HTML 3Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MI Form 005-0808 Rev. B
DOC # 102-0302 REV G - PAGE 2 OF 3
www.marlow.com
ENVIRONMENT: ONE ATMOSPHERE DRY NITROGEN
For performance information in a vacuum or with hot side temperatures other than 27°C or 50°C, contact one of our Applications Engineers at 877-627-5691.
All units are in inches and [ ] are in millimeters unless otherwise stated.
For customer support or general questions please contact a local office or visit our website at www.marlow.com.
Marlow reserves the right to make product changes without notice.
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
(WATTS)
LOAD
HEAT
T=0
Q=0
100.0
80.0
60.0
40.0
20.0
0.0
CURRENT (AMPS)
1.6
1.2
0.8
0.4
0.0
1.0
0.8
0.6
0.4
0.2
0.0
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
(WATTS)
LOAD
HEAT
T=0
Q=0
100.0
80.0
60.0
40.0
20.0
0.0
CURRENT (AMPS)
1.6
1.2
0.8
0.4
0.0
1.0
0.8
0.6
0.4
0.2
0.0
[50.80+/-6.35]
2.00 +/-.25
Negative Lead
Positive Lead
[3.78 +/-0.18]
.149+/-.007
[3.18]
.125
[3.18]
.125
Cold Side
[3.96]
.156
.001 [0.03]
.003 [0.08]
Parallelism
A
Flatness
Aluminum oxide (AC)
Ceramics:
.001 [0.03]
28 AWG (0.32) Bus
Solid Tinned Copper
Leads:
A
Dimensions in inches and [mm].
[3.96]
.156
Hot Side Temperature 27°C
Hot Side Temperature 50°C


Similar Part No. - NL2022T-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NL2022T-03 ETC2-NL2022T-03 Datasheet
130Kb / 2P
   Thermoelectric Cooler
logo
II-VI Marlow, Inc.
NL2022T-03 VIMARLOW-NL2022T-03 Datasheet
209Kb / 2P
   Thermoelectric Cooler
More results

Similar Description - NL2022T-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPE-71-10-08 ETC2-HPE-71-10-08 Datasheet
506Kb / 3P
   Thermoelectric module
HPE-288-10-08 ETC2-HPE-288-10-08 Datasheet
564Kb / 3P
   Thermoelectric module
PE1-7107AC ETC2-PE1-7107AC Datasheet
127Kb / 2P
   Thermoelectric module
HPE-288-10-05 ETC2-HPE-288-10-05 Datasheet
583Kb / 3P
   Thermoelectric module
HPE-288-14-06 ETC2-HPE-288-14-06 Datasheet
412Kb / 3P
   Thermoelectric module
logo
II-VI Marlow, Inc.
NL3021T-AC-BC VIMARLOW-NL3021T-AC-BC Datasheet
481Kb / 2P
   Thermoelectric Module
logo
RMT Ltd.
2MDX06-022-0510 RMT-2MDX06-022-0510 Datasheet
223Kb / 3P
   Thermoelectric Module
1MC06-126-05 RMT-1MC06-126-05 Datasheet
255Kb / 4P
   Thermoelectric Module
1MC06-142-05 RMT-1MC06-142-05 Datasheet
252Kb / 4P
   Thermoelectric Module
1MD04-003-05 RMT-1MD04-003-05 Datasheet
248Kb / 4P
   Thermoelectric module
1MD04-004-03-1 RMT-1MD04-004-03-1 Datasheet
542Kb / 5P
   Thermoelectric Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com