Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6N134 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part No. 6N134
Description  Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

6N134 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
GND
VCC
+5 V
D.U.T.
IF = 13 mA
PULSE
GENERATOR
ZO = 50 Ω
tr = 5 ns
CL*
RL
* CL INCLUDES PROBE AND
STRAY WIRING CAPACITANCE.
VE
VOUT
OUTPUT VE
MONITORING
NODE
OUTPUT VO
MONITORING
NODE
0.01 µF
BYPASS
GND
VCC
D.U.T.*
TA = +125 °C
* ALL CHANNELS TESTED SIMULTANEOUSLY.
VOC
CONDITIONS: IF = 20 mA
VCC
VIN
+–
(EACH OUTPUT)
(EACH INPUT)
IO = 25 mA
0.01 µF
200
5.3 V
(EACH OUTPUT)
+5.5 V
+5.5 V
200
Figure 10. Operating Circuit for Burn-In and Steady State Life Tests.
Figure 8. Test Circuit for tEHL and tELH.
Figure 9. Enable Propagation Delay
vs. Temperature.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn