Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3M1ACP12VDC2D Datasheet(PDF) 3 Page - CIT Relay & Switch

Part # A3M1ACP12VDC2D
Description  Large switching capacity up to 80A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A3M1ACP12VDC2D Datasheet(HTML) 3 Page - CIT Relay & Switch

  A3M1ACP12VDC2D Datasheet HTML 1Page - CIT Relay & Switch A3M1ACP12VDC2D Datasheet HTML 2Page - CIT Relay & Switch A3M1ACP12VDC2D Datasheet HTML 3Page - CIT Relay & Switch A3M1ACP12VDC2D Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 3
A3
Dimensions - A3F
Units = mm
28.65
[1.13]
Ø5.60
[.22]
9.70
[.38]
26.20
[1.03]
32.00
[1.26]
42.50
[1.67]
6.35 TYP
[.250]
.80TYP
[.032]
11.60 TYP
[.46]
21.90
[.86]
29.05
[1.14]
21.90
[.86]
27.50
[1.08]
2X 11.60
[.46]
3X 9.53
[.375]
3X 1.27
[.050]
2X 6.35
[.250]
3X 15.60
[.61]
43.60
[1.72]
2X .80
[.032]
Ø5.60
[.22]
32.00
[1.26]
9.50
[.37]
Standard contacts (1) with Quick Connect
Heavy Duty contacts (2) with Quick Connects
Dimensions - A3M
Units = mm
Ø5.50
[.22]
15.00
[.59]
10.75
[.42]
28.65
[1.13]
26.20
[1.03]
6.35 TYP
[.250]
.80TYP
[.032]
11.60 TYP
[.46]
32.85
[1.29]
43.10
[1.70]
28.65
[1.13]
15.00
[.59]
10.95
[.43]
2X 11.60
[.46]
3X 9.53
[.375]
2X .80
[.032]
3X 1.27
[.050]
2X 6.35
[.250]
3X 15.60
[.61]
32.85
[1.29]
44.60
[1.76]
27.50
[1.08]
Standard contacts (1) with Quick Connect
Heavy Duty contacts (2) with Quick Connects
Dimensions - A3 Heavy Duty
Units = mm
28.90
[1.14]
28.60
[1.13]
9.50 TYP
[.37]
1.65 TYP
[.06]
2X 8.40
[.33]
17.90
[.70]
8.40
[.33]
8.40
[.33]
27.55
[1.08]
2X 1.50
[.06]
31.60
[1.24]
28.40
[1.12]
28.40
[1.12]
27.55
[1.08]
2X 6.35
[.250]
3X 9.53
[.375]
2X .80
[.032]
3X 1.27
[.050]
2X 11.60
[.46]
3X 15.60
[.61]
Heavy Duty contacts (2) with PC Pins
Heavy Duty contacts (2) with Quick Connects


Similar Part No. - A3M1ACP12VDC2D

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A3M1ACP12VDC2D CIT-A3M1ACP12VDC2D Datasheet
285Kb / 3P
   CIT SWITCH
A3M1ACP12VDC2DR CIT-A3M1ACP12VDC2DR Datasheet
285Kb / 3P
   CIT SWITCH
More results

Similar Description - A3M1ACP12VDC2D

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A21CSQ12VDC1.6 CIT-A21CSQ12VDC1.6 Datasheet
141Kb / 3P
   Large switching capacity up to 40A
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
   Switching capacity up to 15A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
   Switching capacity up to 25A
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
   Switching capacity up to 30A
J098 CIT-J098 Datasheet
92Kb / 3P
   Switching capacity up to 6A
logo
DB Lectro Inc
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
   Switching capacity up to 16A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com