Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3M1ACP12VDC2D Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # A3M1ACP12VDC2D
Description  Large switching capacity up to 80A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A3M1ACP12VDC2D Datasheet(HTML) 2 Page - CIT Relay & Switch

  A3M1ACP12VDC2D Datasheet HTML 1Page - CIT Relay & Switch A3M1ACP12VDC2D Datasheet HTML 2Page - CIT Relay & Switch A3M1ACP12VDC2D Datasheet HTML 3Page - CIT Relay & Switch A3M1ACP12VDC2D Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
A3
page 2
Ordering Information
Dimensions - A3
Units = mm
28.65
[1.13]
28.65
[1.13]
8.40
[.33]
17.90
[.70]
8.40
[.33]
8.40
[.33]
26.20
[1.03]
31.70
[1.25]
3.20
[.13]
2.60 TYP
[.10]
28.65
[1.13]
6.35 TYP
[.250]
.80 TYP
[.032]
28.65
[1.13]
26.20
[1.03]
11.60 TYP
[.46]
Standard contacts (1) with PC Pin
Standard contacts (1) with Quick Connect
1. Series
A3F
1C
S
Q
24VDC
2
A3 standard
A3F with mounting flange
A3M with metal bracket
2. Contact Arrangement
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
1U = SPST N.O. *only available with standard contacts
3. Sealing Option
S = Sealed *Sealing only available with heavy duty contacts
C = Dust Cover
4. Termination
P = PCB Pins
Q = Quick Connect
5. Coil Voltage
12VDC
24VDC
6. Contacts
1 = Standard *Sockets for these models can be found on the CIT Relay Socket catalog page
2 = Heavy Duty *We recommend the PR series socket from Custom Connector Corporation
7. Coil Suppression
Blank = Standard
D = Diode (1N4005) Cathode on “86” terminal
R = Resistor (180Ω for 6VDC; 680Ω for 12VDC; 2700Ω for 24VDC)
2D = 2 Diodes (1N4005)
DR = Diode & Resistor Cathode on “86” terminal (1N4005 & 180Ω for 6VDC; 680Ω for 12VDC; 2700Ω for 24VDC)
** Consult factory if other values are needed


Similar Part No. - A3M1ACP12VDC2D

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A3M1ACP12VDC2D CIT-A3M1ACP12VDC2D Datasheet
285Kb / 3P
   CIT SWITCH
A3M1ACP12VDC2DR CIT-A3M1ACP12VDC2DR Datasheet
285Kb / 3P
   CIT SWITCH
More results

Similar Description - A3M1ACP12VDC2D

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A21CSQ12VDC1.6 CIT-A21CSQ12VDC1.6 Datasheet
141Kb / 3P
   Large switching capacity up to 40A
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
   Switching capacity up to 15A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
   Switching capacity up to 25A
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
   Switching capacity up to 30A
J098 CIT-J098 Datasheet
92Kb / 3P
   Switching capacity up to 6A
logo
DB Lectro Inc
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
   Switching capacity up to 16A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com