Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA12124 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # CA12124
Description  ~11째 spot beam optimized for Nichia NS6x83. Assembly with black holder.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12124 Datasheet(HTML) 2 Page - Ledil, Inc.

  CA12124 Datasheet HTML 1Page - Ledil, Inc. CA12124 Datasheet HTML 2Page - Ledil, Inc. CA12124 Datasheet HTML 3Page - Ledil, Inc. CA12124 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT
DATASHEET
CA12124_NIS83-2-RS
Last update: 16/05/2018
Subject to change without prior notice
2/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA12124

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA1212 MACOM-CA1212 Datasheet
386Kb / 2P
   Cascadable Amplifier 100 to 1200 MHz
logo
M/A-COM Technology Solu...
CA1212 MA-COM-CA1212 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 1200 MHz
CA1212 MA-COM-CA1212 Datasheet
730Kb / 5P
   Cascadable Amplifier 100 - 1200 MHz
logo
Ledil, Inc.
CA12122 LEDIL-CA12122 Datasheet
4Mb / 4P
   ~16째 diffused spot beam optimized for Nichia NS6x83. Assembly with black holder.
CA12123 LEDIL-CA12123 Datasheet
4Mb / 4P
   ~15째 smooth spot beam optimized for Nichia NS6x83. Assembly with black holder.
More results

Similar Description - CA12124

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10610 LEDIL-CA10610 Datasheet
2Mb / 4P
   ~11째 spot beam optimized for Nichia NS6x83. Assembly with white holder.
CA13621 LEDIL-CA13621 Datasheet
1Mb / 5P
   ~11째 spot beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
FA10336 LEDIL-FA10336 Datasheet
2Mb / 4P
   ~11째 spot beam optimized for Nichia NS6x83. Assembly with white holder and installation tape.
FCA10934 LEDIL-FCA10934 Datasheet
1Mb / 3P
   ~11째 spot beam optimized for Nichia NJSx036. Assembly with white holder.
CA10595 LEDIL-CA10595 Datasheet
2Mb / 4P
   ~11째 spot beam optimized for Nichia NJSx036. Assembly with white holder.
CA12122 LEDIL-CA12122 Datasheet
4Mb / 4P
   ~16째 diffused spot beam optimized for Nichia NS6x83. Assembly with black holder.
CA12123 LEDIL-CA12123 Datasheet
4Mb / 4P
   ~15째 smooth spot beam optimized for Nichia NS6x83. Assembly with black holder.
CA10608 LEDIL-CA10608 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for Nichia NS6x83. Assembly with white holder.
CA10609 LEDIL-CA10609 Datasheet
2Mb / 4P
   ~15째 smooth spot beam optimized for Nichia NS6x83. Assembly with white holder.
FA10888 LEDIL-FA10888_18 Datasheet
3Mb / 4P
   ~13째 spot beam optimized for Nichia NS6x83. Assembly with holder and installation tape.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com