Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA11839 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # CA11839
Description  ~30째 medium beam optimized for Nichia NS6x83. Assembly with white holder.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11839 Datasheet(HTML) 3 Page - Ledil, Inc.

  CA11839_18 Datasheet HTML 1Page - Ledil, Inc. CA11839_18 Datasheet HTML 2Page - Ledil, Inc. CA11839_18 Datasheet HTML 3Page - Ledil, Inc. CA11839_18 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT
DATASHEET
CA11839_NIS83-MX-2-M
PHOTOMETRIC DATA (MEASURED):
LED
MX-3
FWHM
28.0°
Efficiency
93 %
Peak intensity
3.200 cd/lm
Required components:
LED
MX-6
FWHM
28.0°
Efficiency
93 %
Peak intensity
3.200 cd/lm
Required components:
LED
NS6x83
FWHM
27.0°
Efficiency
93 %
Peak intensity
3.300 cd/lm
Required components:
Last update: 16/05/2018
Subject to change without prior notice
3/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA11839_18

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11839 CREE-CA11839 Datasheet
409Kb / 8P
   Rose series
More results

Similar Description - CA11839_18

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12126 LEDIL-CA12126 Datasheet
5Mb / 4P
   ~30째 medium beam optimized for Nichia NS6x83. Assembly with black holder.
FA10339 LEDIL-FA10339_18 Datasheet
2Mb / 5P
   ~30째 medium beam optimized for Nichia NS6x83. Assembly with white holder and installation tape.
CA11174 LEDIL-CA11174_18 Datasheet
3Mb / 6P
   ~30째 medium beam optimized for Nichia NS6x83.
FA11540 LEDIL-FA11540 Datasheet
2Mb / 4P
   ~25째 medium beam optimized for Nichia NS6x83. Assembly with white holder.
FA10647 LEDIL-FA10647_18 Datasheet
3Mb / 4P
   ~30째 medium beam optimized for Nichia NS6x83.
CA10592 LEDIL-CA10592 Datasheet
1Mb / 4P
   ~30째 medium beam optimized for Nichia NJSx036. Assembly with white holder.
FCA10937 LEDIL-FCA10937 Datasheet
1Mb / 3P
   ~30째 medium beam optimized for Nichia NJSx036. Assembly with white holder.
CA13623 LEDIL-CA13623_18 Datasheet
2Mb / 4P
   ~25째 medium beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
FA10903 LEDIL-FA10903_18 Datasheet
1Mb / 4P
   ~60째 wide beam optimized for Nichia NS6x83. Assembly with white holder.
CA10610 LEDIL-CA10610 Datasheet
2Mb / 4P
   ~11째 spot beam optimized for Nichia NS6x83. Assembly with white holder.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com