Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA10322 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # CA10322
Description  ~35째 8째 oval beam. Assembly with installation tape.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10322 Datasheet(HTML) 3 Page - Ledil, Inc.

  CA10322 Datasheet HTML 1Page - Ledil, Inc. CA10322 Datasheet HTML 2Page - Ledil, Inc. CA10322 Datasheet HTML 3Page - Ledil, Inc. CA10322 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT
DATASHEET
CA10322_SPUTNIK-Z-O
PHOTOMETRIC DATA (MEASURED):
LED
P4
FWHM
36.0 + 12.0°
Efficiency
92 %
Peak intensity
5.100 cd/lm
Required components:
Last update: 16/05/2018
Subject to change without prior notice
3/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA10322

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10321 LEDIL-CA10321 Datasheet
2Mb / 4P
   ~9째 smooth spot beam
More results

Similar Description - CA10322

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10319 LEDIL-CA10319_18 Datasheet
3Mb / 5P
   ~35째 8째 oval beam. Assembly with tape.
CA11240 LEDIL-CA11240_18 Datasheet
2Mb / 4P
   ~8째 35째 oval beam. Variant with beam direction rotated 90째. Assembly with tape.
CA10563 LEDIL-CA10563 Datasheet
2Mb / 4P
   25 x 25 mm lens with ~90째 x 8째 oval beam. Assembly with installation tape.
FCA12265 LEDIL-FCA12265 Datasheet
2Mb / 4P
   ~35째 wide beam. 14.6 mm high assembly with installation tape.
CA14942 LEDIL-CA14942 Datasheet
5Mb / 5P
   ~35째 wide beam. Assembly with location pins and installation tape.
CA12379 LEDIL-CA12379_18 Datasheet
5Mb / 11P
   ~35째 15째 oval beam optimized for CREE XP-E. Assembly with holder and installation tape.
CA12404 LEDIL-CA12404_18 Datasheet
3Mb / 4P
   ~35째 15째 oval beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
CA14129 LEDIL-CA14129 Datasheet
1Mb / 4P
   Oval beam for area lighting. Assembly with installation tape.
FA11203 LEDIL-FA11203_18 Datasheet
3Mb / 6P
   ~35째 x 15째 oval beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
CA13057 LEDIL-CA13057 Datasheet
3Mb / 8P
   ~100째 x 20째 oval beam. Assembly with installation tape
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com