Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTA300-0001-02 Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # CTA300-0001-02
Description  Climatherm 300 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

CTA300-0001-02 Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  CTA300-0001-02 Datasheet HTML 1Page - II-VI Marlow, Inc. CTA300-0001-02 Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
For customer support or general questions please contact a local office or visit our website at www.marlow.com.
DOC # 102-0418 REV B - PAGE 1 OF 2
Climatherm 300 Series
Air to Air TE Exchanger Standard Product
RoHS EU Compliant
MECHANICAL CHARACTERISTICS
 
 
ORDERING OPTIONS
AVAILABLE MODIFICATIONS
For information regarding additional ordering options available,
please contact a Marlow engineering representative.
Model Number
Description
CTA300-0001-01
24V, Hot Side Wiring
CTA300-0001-02
24V, Cold Side Wiring
TYPICAL PERFORMANCE VALUES
Specifications
Weight (kg)
3.9
Overtemp Thermostat
100°C ± 5°C (Both Sinks)
Operating Temp
-10°C to 60°C
Electrical Connections
Color
PIN #
Description
White
1
TEC “+”
Blue
2
TEC “-”
Red
3
Fans “+”
Black
4
Fans “-”
Connectors
Plug
Tyco P/N 480702-0
Socket
Tyco P/N 480703-0
PIN Plug
Tyco P/N 350547-1
PIN Socket
Tyco P/N 350550-1
Model
Number
Voltage
(nom/max)
Current
(nom/max)
Cooling
Power
@ 0 dT
External
Fan Rating
V
A
W
dB-A
-01/-02
24/28
7.5/8.5
132
51


Similar Part No. - CTA300-0001-02

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
CTA300-0001-02 VIMARLOW-CTA300-0001-02 Datasheet
400Kb / 2P
   Air to Air TE Exchanger Standard Product
More results

Similar Description - CTA300-0001-02

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
CT-400 VIMARLOW-CT-400 Datasheet
322Kb / 2P
   Climatherm 400 Series
CT-230 VIMARLOW-CT-230 Datasheet
169Kb / 2P
   Climatherm 230 Series
CT-305 VIMARLOW-CT-305 Datasheet
355Kb / 2P
   Climatherm 305 Series
logo
TRACO Electronic AG
TFI300 TRACOPOWER-TFI300 Datasheet
325Kb / 4P
   TFI 300 Series, 300 Watt
Rev. July 7, 2021
logo
Integrated Power Design...
CE-300 IPDPOWER-CE-300 Datasheet
247Kb / 2P
   300 WATTS CE-300 SERIES AC-DC
REV. K 10/06/2022
logo
MicroPower Direct, LLC
MPU-300S MPD-MPU-300S Datasheet
373Kb / 2P
   MPU-300 Series
logo
XP Power Limited
PBM300 XPPOWER-PBM300 Datasheet
161Kb / 2P
   300 Watts PBM300 Series
logo
TRACO Electronic AG
TPI300-M TRACOPOWER-TPI300-M Datasheet
1Mb / 6P
   AC/DC Power Supply TPI 300-M Series, 300 Watt
Rev. March 16, 2023
logo
Fujitsu Component Limit...
MB9BF504RPMC-GE1 FUJITSU-MB9BF504RPMC-GE1 Datasheet
87Kb / 1P
   MB9BF100/300/400/500 Series
logo
3M Electronics
300 3M-300 Datasheet
28Kb / 2P
   Scotch짰 Barricade Tapes 300 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com