Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C12490 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # C12490
Description  ~145째 wide beam
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12490 Datasheet(HTML) 3 Page - Ledil, Inc.

  C12490_18 Datasheet HTML 1Page - Ledil, Inc. C12490_18 Datasheet HTML 2Page - Ledil, Inc. C12490_18 Datasheet HTML 3Page - Ledil, Inc. C12490_18 Datasheet HTML 4Page - Ledil, Inc. C12490_18 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PRODUCT
DATASHEET
C12490_SIRI-DOME
PHOTOMETRIC DATA (MEASURED):
LED
XM-L
FWHM
148.0°
Efficiency
97 %
Peak intensity
0.250 cd/lm
Required components:
LED
XM-L2
FWHM
152.0°
Efficiency
97 %
Peak intensity
0.200 cd/lm
Required components:
LED
XP-G2
FWHM
140.0°
Efficiency
97 %
Peak intensity
0.270 cd/lm
Required components:
LED
LUXEON A
FWHM
142.0°
Efficiency
97 %
Peak intensity
0.260 cd/lm
Required components:
Last update: 16/03/2018
Subject to change without prior notice
3/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C12490_18

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12490 CREE-C12490 Datasheet
275Kb / 6P
   Siri series
More results

Similar Description - C12490_18

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13013 LEDIL-CA13013 Datasheet
2Mb / 7P
   ~145째 wide beam
C12491 LEDIL-C12491_18 Datasheet
2Mb / 5P
   ~145째 wide diffused beam
CA13014 LEDIL-CA13014 Datasheet
1Mb / 6P
   ~145째 wide diffused beam
F16860 LEDIL-F16860 Datasheet
3Mb / 6P
   ~145째 100째 extra wide beam for uplighting
C11544 LEDIL-C11544 Datasheet
3Mb / 4P
   ~35째 wide beam
FP15897 LEDIL-FP15897 Datasheet
3Mb / 5P
   ~85째 wide beam
FP15898 LEDIL-FP15898 Datasheet
3Mb / 5P
   ~55째 wide beam
CA14309 LEDIL-CA14309 Datasheet
3Mb / 5P
   ~40째 wide beam.
C11553 LEDIL-C11553_18 Datasheet
3Mb / 7P
   ~35째 wide beam
FCP15348 LEDIL-FCP15348 Datasheet
6Mb / 5P
   ~40째 wide beam
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com